Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRLF180N10K Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HRLF180N10K
Description  100% Avalanche Tested
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRLF180N10K Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HRLF180N10K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRLF180N10K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRLF180N10K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRLF180N10K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRLF180N10K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRLF180N10K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRLF180N10K Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Characteristics (continued)
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
25
50
75
100
125
150
0
10
20
30
40
T
C, Case Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
Note :
1. V
GS = 10 V
2. I
D = 20 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note :
1. V
GS = 0 V
2. I
D = 250 A
T
J, Junction Temperature [
oC]
t
2
t
1
P
DM
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. R
JC = 2.0
oC/W Max.
2. Duty Factor, D=t
1/t2
3. T
J,PK = PDM x Z JC x R JC + TC
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
10
-2
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10 us
10 ms
DC
1 ms
100 us
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]


Similar Part No. - HRLF180N10K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLF120N10H SEMIHOW-HRLF120N10H Datasheet
518Kb / 7P
   Enhanced Avalanche Ruggedness
HRLF125N06K SEMIHOW-HRLF125N06K Datasheet
847Kb / 7P
   100PerCent Avalanche Tested
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
   100% Avalanche Tested
More results

Similar Description - HRLF180N10K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRF130N06K SEMIHOW-HRF130N06K Datasheet
872Kb / 7P
   100% Avalanche Tested
HRF85N08K SEMIHOW-HRF85N08K Datasheet
185Kb / 7P
   100% Avalanche Tested
HRLF80N06K SEMIHOW-HRLF80N06K Datasheet
190Kb / 7P
   100% Avalanche Tested
logo
Microsemi Corporation
APT30M70BVRG MICROSEMI-APT30M70BVRG Datasheet
63Kb / 4P
   100% Avalanche Tested
logo
STMicroelectronics
STD9HN65M2 STMICROELECTRONICS-STD9HN65M2 Datasheet
505Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD7LN80K5 STMICROELECTRONICS-STD7LN80K5 Datasheet
824Kb / 16P
   100% avalanche tested
STD13N65M2 STMICROELECTRONICS-STD13N65M2 Datasheet
556Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF55N03K SEMIHOW-HRLF55N03K Datasheet
238Kb / 7P
   100% Avalanche Tested
HRLFS90N03K SEMIHOW-HRLFS90N03K Datasheet
232Kb / 7P
   100% Avalanche Tested
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com