Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC161S626CIMM Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC161S626CIMM
Description  16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC161S626CIMM Datasheet(HTML) 5 Page - Texas Instruments

  ADC161S626CIMM Datasheet HTML 1Page - Texas Instruments ADC161S626CIMM Datasheet HTML 2Page - Texas Instruments ADC161S626CIMM Datasheet HTML 3Page - Texas Instruments ADC161S626CIMM Datasheet HTML 4Page - Texas Instruments ADC161S626CIMM Datasheet HTML 5Page - Texas Instruments ADC161S626CIMM Datasheet HTML 6Page - Texas Instruments ADC161S626CIMM Datasheet HTML 7Page - Texas Instruments ADC161S626CIMM Datasheet HTML 8Page - Texas Instruments ADC161S626CIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ADC161S626
www.ti.com
SNAS468D – SEPTEMBER 2008 – REVISED DECEMBER 2014
6.5 Converter Electrical Characteristics
The following specifications apply for VA = 4.5 V to 5.5 V, VIO = 2.7 V to 5.5 V, and VREF = 2.5 V to 5.5 V for fSCLK = 1 MHz to
4 MHz or VREF = 4.5 V to 5.5 V for fSCLK = 1 MHz to 5 MHz; fIN = 20 kHz, and CL = 25 pF, unless otherwise noted. Maximum
and minimum values apply for TA = TMIN to TMAX; the typical values are tested at TA = 25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
16
Bits
DNL
Differential Non-Linearity
−1
-0.5/+0.8
+2
LSB
INL
Integral Non-Linearity
−2
±0.8
+2
LSB
VREF = 2.5 V
−1
−0.1
+1
mV
OE
Offset Error
VREF = 5 V
−0.4
mV
VREF = 2.5 V
3.7
µV/°C
OEDRIFT
Offset Error Temperature Drift
VREF = 5 V
2.5
µV/°C
Positive Full-Scale Error
–0.03
−0.003
0.03
%FS
FSE
Negative Full-Scale Error
–0.03
−0.002
0.03
%FS
Positive Gain Error
–0.02
−0.002
0.02
%FS
GE
Negative Gain Error
–0.02
−0.0001
0.02
%FS
GEDRIFT
Gain Error Temperature Drift
0.3
ppm/°C
DYNAMIC CONVERTER CHARACTERISTICS
VREF = 2.5 V
85
88
dBc
SINAD
Signal-to-Noise Plus Distortion Ratio
VREF = 4.5 V to 5.5 V
89
93.0
dBc
VREF = 2.5 V
85
88
dBc
SNR
Signal-to-Noise Ratio
VREF = 4.5 V to 5.5 V
89
93.2
dBc
VREF = 2.5 V
−104
dBc
THD
Total Harmonic Distortion
VREF = 4.5 V to 5.5 V
−106
dBc
VREF = 2.5 V
108
dBc
SFDR
Spurious-Free Dynamic Range
VREF = 4.5 V to 5.5 V
111
dBc
VREF = 2.5 V
13.8
14.3
bits
ENOB
Effective Number of Bits
VREF = 4.5 V to 5.5 V
14.5
15.2
bits
Output at 70.7%FS with FS Differential
FPBW
−3 dB Full Power Bandwidth
26
MHz
Input
ANALOG INPUT CHARACTERISTICS
VIN
Differential Input Range
−VREF
+VREF
V
CS high
–1
1
µA
IINA
Analog Input Current
VREF = 5 V, VIN = 0 V, fS = 50 kSPS
3.2
nA
VREF = 5 V, VIN = 0 V, fS = 200 kSPS
10.3
nA
In Acquisition Mode
20
pF
CINA
Input Capacitance (+IN or
−IN)
In Conversion Mode
4
pF
See the Specification Definitions for the
CMRR
Common Mode Rejection Ratio
85
dB
test condition
DIGITAL INPUT CHARACTERISTICS
VIH
Input High Voltage
fIN = 0 Hz
0.7 x VIO
1.9
V
VIL
Input Low Voltage
fIN = 0 Hz
1.7
0.3 x VIO
V
IIND
Digital Input Current
–1
1
µA
CIND
Input Capacitance
4
pF
(1)
Typical values are at TJ = 25°C and represent most likely parametric norms. Test limits are specified to AOQL (Average Outgoing
Quality Level).
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC161S626


Similar Part No. - ADC161S626CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC161S626CIMM NSC-ADC161S626CIMM Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMM NSC-ADC161S626CIMM Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMME NSC-ADC161S626CIMME Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMMX NSC-ADC161S626CIMMX Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMMX NSC-ADC161S626CIMMX Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
More results

Similar Description - ADC161S626CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM73201 TI1-SM73201 Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626_09 Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Texas Instruments
SM73201 TI1-SM73201_13 Datasheet
1Mb / 28P
[Old version datasheet]   SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 TI1-ADC161S626_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC161S626 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Analog Devices
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663ASTRL AD-AD7663ASTRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com