Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC6311IDCKTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6311IDCKTG4
Description  12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC6311IDCKTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC6311IDCKTG4 Datasheet HTML 3Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 4Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 5Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 6Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 7Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 8Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 9Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 10Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
SCLK
1
16
SYNC
D
IN
DB15
DB0
DB15
t
10
t
6
t
3
t
2
t
1
t
7
t
9
t
5
t
4
t
8
DAC5311, DAC6311, DAC7311
www.ti.com
SBAS442C – AUGUST 2008 – REVISED JULY 2015
7.6 Timing Requirements
at –40°C to 125°C, and AVDD = 2 V to 5.5 V (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
AVDD = 2.0 V to 3.6 V
20
f(SCLK)
Serial clock frequency
MHz
AVDD = 3.6 V to 5.5 V
50
AVDD = 2.0 V to 3.6 V
50
t1
SCLK cycle time
ns
AVDD = 3.6 V to 5.5 V
20
AVDD = 2.0 V to 3.6 V
25
t2
SCLK high time
ns
AVDD = 3.6 V to 5.5 V
10
AVDD = 2.0 V to 3.6 V
25
t3
SCLK low time
ns
AVDD = 3.6 V to 5.5 V
10
AVDD = 2.0 V to 3.6 V
0
t4
SYNC to SCLK rising edge setup time
ns
AVDD = 3.6 V to 5.5 V
0
AVDD = 2.0 V to 3.6 V
5
t5
Data setup time
ns
AVDD = 3.6 V to 5.5 V
5
AVDD = 2.0 V to 3.6 V
4.5
t6
Data hold time
ns
AVDD = 3.6 V to 5.5 V
4.5
AVDD = 2.0 V to 3.6 V
0
t7
SCLK falling edge to SYNC rising edge
ns
AVDD = 3.6 V to 5.5 V
0
AVDD = 2.0 V to 3.6 V
50
t8
Minimum SYNC high time
ns
AVDD = 3.6 V to 5.5 V
20
AVDD = 2.0 V to 3.6 V
100
t9
16th SCLK falling edge to SYNC falling edge
ns
AVDD = 3.6 V to 5.5 V
100
AVDD = 2.0 V to 3.6 V
15
SYNC rising edge to 16th SCLK falling edge
t10
ns
(for successful SYNC interrupt)
AVDD = 3.6 V to 5.5 V
15
(1)
All input signals are specified with tR = tF = 3 ns (10% to 90% of AVDD) and timed from a voltage level of (VIL + VIH) / 2.
Figure 1. Serial Write Operation
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC5311 DAC6311 DAC7311


Similar Part No. - DAC6311IDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6311IDCKTG4 TI1-DAC6311IDCKTG4 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

Similar Description - DAC6311IDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI1-DAC8311 Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com