Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM98725 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM98725
Description  3 Channel, 16-Bit, 81 MSPS Analog Front End
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98725 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM98725 Datasheet HTML 6Page - Texas Instruments LM98725 Datasheet HTML 7Page - Texas Instruments LM98725 Datasheet HTML 8Page - Texas Instruments LM98725 Datasheet HTML 9Page - Texas Instruments LM98725 Datasheet HTML 10Page - Texas Instruments LM98725 Datasheet HTML 11Page - Texas Instruments LM98725 Datasheet HTML 12Page - Texas Instruments LM98725 Datasheet HTML 13Page - Texas Instruments LM98725 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 145 page
background image
LM98725
SNAS474H – APRIL 2009 – REVISED MARCH 2015
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for VA = VD = VR = VC = 3.3 V, CL = 10 pF, and fINCLK = 27 MHz unless otherwise
specified. all other limits TA = 25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
ADC SPECIFICATIONS
VREFT
Top of Reference
2.07
V
VREFB
Bottom of Reference
0.89
V
VREFT -
V
Differential Reference Voltage
1.06
1.18
1.30
VREFB
Over range Output Code
65535
Under range Output Code
0
DIGITAL OFFSET “DAC” SPECIFICATIONS
Resolution
7
Bits
Digital Offset DAC LSB Step
Referred to AFE Output
LSB
32
Size
Min DAC Code =7'b0000000
–2048
Offset Adjustment Range
Mid DAC Code =7'b1000000
0
LSB
Referred to AFE Output
Max DAC Code = 7'b1111111
+2016
FULL CHANNEL PERFORMANCE SPECIFICATIONS
DNL
See (4)
+0.8/
LSB
Differential Non-Linearity
-0.999
2.5
–0.7
INL
See (4)
+18/
LSB
Integral Non-Linearity
–75
75
–25
–76
dB
Minimum PGA Gain(4)
LSB
10
26
RMS
SNR
Total Output Noise
–56
dB
Maximum PGA Gain(4)
LSB
96
RMS
Mode 3
26
Channel to Channel Crosstalk
LSB
Mode 2
17
(4)
This parameter ensured by design and characterization.
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM98725


Similar Part No. - LM98725

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
More results

Similar Description - LM98725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
logo
Texas Instruments
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com