Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV341AIDCKTG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV341AIDCKTG4
Description  Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV341AIDCKTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TLV341AIDCKTG4 Datasheet HTML 1Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 2Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 3Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 4Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 5Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 6Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 7Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 8Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1IN−
2IN−
1IN+
GND
NC
2IN+
1OUT
NC
V+
2OUT
1
2
3
5
7
9
10
8
4
6
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
V+
2OUT
2IN−
2IN+
1
2
3
6
5
4
GND
IN+
IN−
V+
SHDN
OUT
1
2
3
6
5
4
IN+
GND
IN−
V+
SHDN
OUT
3
TLV341, TLV341A, TLV342, TLV342S
www.ti.com
SLVS568D – JANUARY 2005 – REVISED APRIL 2016
Product Folder Links: TLV341 TLV341A TLV342 TLV342S
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
TLV341 DBV or DCK Package
6-Pin SOT-23 or SC70
Top View
TLV341 DRL Package
6-Pin SOT
Top View
Pin Functions: TLV341
PIN
I/O
DESCRIPTION
NAME
SOT-23, SC70
SOT
1IN+
1
2
I
Noninverting input on channel 1
1IN–
3
3
I
Inverting input on channel 1
1OUT
4
4
O
Output on channel 1
GND
2
1
Ground
SHDN
5
5
I
Shutdown active low
V+
6
6
Positive power supply
TLV342 D or DGK Package
10-Pin SOIC or VSSOP
Top View
TLV342 RUG Package
10-Pin X2QFN
Top View
(1)
NC – No internal connection
Pin Functions: TLV342
PIN
I/O
DESCRIPTION
NAME
SOIC, VSSOP
X2QFN
1IN+
3
1
I
Noninverting input on channel 1
1IN–
2
10
I
Inverting input on channel 1
1OUT
1
9
O
Output on channel 1
2IN+
5
4
I
Noninverting input on channel 2
2IN–
6
5
I
Inverting input on channel 2
2OUT
7
6
O
Output on channel 2
GND
4
2
Ground
NC(1)
3, 8
Not connected
V+
8
7
Positive power supply


Similar Part No. - TLV341AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341AIDCKTG4 TI-TLV341AIDCKTG4 Datasheet
967Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341AIDCKTG4 TI-TLV341AIDCKTG4 Datasheet
1,002Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIT OUTPUT CMOS OPERATIONAL AMPLIFIERS
TLV341AIDCKTG4 TI-TLV341AIDCKTG4 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDCKTG4 TI-TLV341AIDCKTG4 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDCKTG4 TI1-TLV341AIDCKTG4 Datasheet
2Mb / 40P
[Old version datasheet]   TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
More results

Similar Description - TLV341AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com