Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA212CQDCKRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA212CQDCKRQ1
Description  Automotive-Grade, Voltage Output, Low- or High-Side Measurement
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA212CQDCKRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA212CQDCKRQ1 Datasheet HTML 2Page - Texas Instruments INA212CQDCKRQ1 Datasheet HTML 3Page - Texas Instruments INA212CQDCKRQ1 Datasheet HTML 4Page - Texas Instruments INA212CQDCKRQ1 Datasheet HTML 5Page - Texas Instruments INA212CQDCKRQ1 Datasheet HTML 6Page - Texas Instruments INA212CQDCKRQ1 Datasheet HTML 7Page - Texas Instruments INA212CQDCKRQ1 Datasheet HTML 8Page - Texas Instruments INA212CQDCKRQ1 Datasheet HTML 9Page - Texas Instruments INA212CQDCKRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
INA210-Q1, INA211-Q1, INA212-Q1, INA213-Q1, INA214-Q1, INA215-Q1
SBOS475G – MARCH 2009 – REVISED MAY 2016
www.ti.com
Product Folder Links: INA210-Q1 INA211-Q1 INA212-Q1 INA213-Q1 INA214-Q1 INA215-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Full range TA = –40°C to 125°C.
(2)
RTI = referred to input.
(3)
Not production tested.
(4)
See Figure 10, Output Voltage Swing vs Output Current, in the Typical Characteristics section.
7.5 Electrical Characteristics
At TA = 25°C, VSENSE = VIN+ – VIN–.
INA210-Q1, INA213-Q1, INA214-Q1, and INA215-Q1: VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
INA211-Q1 and INA212-Q1: VS = 12 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode
input
Version A
Full range
–0.3
26
V
Version B
–0.1
26
CMRR
Common-mode
rejection ratio
VIN+ = 0 V to 26 V,
VSENSE = 0 mV,
TA = –40°C to 125°C
INA210-Q1,
INA211-Q1,
INA212-Q1,
INA214-Q1,
INA215-Q1
Full range
105
140
dB
INA213-Q1
100
120
VOS
Offset voltage,
RTI(2)
VSENSE = 0 mV
INA210-Q1,
INA211-Q1,
INA212-Q1
25°C
±0.55
±35
µV
INA213-Q1
±5
±100
INA214-Q1,
INA215-Q1
±1
±60
dVOS/dT
Offset voltage vs
temperature(3)
Full range
0.1
0.5
µV/°C
PSR
Offset voltage vs
power supply
VS = 2.7 V to 18 V,
VIN+ = 18 V, VSENSE = 0 mV
25°C
±0.1
±10
µV/V
IB
Input bias current
VSENSE = 0 mV
25°C
15
28
35
µA
IOS
Input offset current
VSENSE = 0 mV
25°C
±0.02
µA
OUTPUT
Gain
INA210-Q1
200
V/V
INA211-Q1
500
INA212-Q1
1000
INA213-Q1
50
INA214-Q1
100
INA215-Q1
75
Gain error
VSENSE = –5 mV to 5 mV
Full range
±0.02%
±1%
Gain error vs
temperature(3)
Full range
3
10
ppm/°C
Nonlinearity error
25°C
±0.01%
Maximum capacitive
load
No sustained oscillation
25°C
1
nF
VOLTAGE OUTPUT
Output voltage
swing to V+ power-
supply rail(4)
RL = 10 kΩ to GND
Full range
(V+) – 0.05
(V+) – 0.2
V
Output voltage
swing to GND
Full range
(VGND) + 0.005
(VGND) +
0.05
V


Similar Part No. - INA212CQDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA212CIDCKR TI1-INA212CIDCKR Datasheet
1Mb / 40P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional
INA212CIDCKR TI1-INA212CIDCKR Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA212CIDCKT TI1-INA212CIDCKT Datasheet
1Mb / 40P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional
INA212CIDCKT TI1-INA212CIDCKT Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA212CIRSWR TI1-INA212CIRSWR Datasheet
1Mb / 40P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional
More results

Similar Description - INA212CQDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI1-INA210_16 Datasheet
1Mb / 40P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional
INA212-Q1 TI1-INA212-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
INA230 TI-INA230 Datasheet
846Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA300-Q1 TI1-INA300-Q1 Datasheet
162Kb / 5P
[Old version datasheet]   Automotive-Grade, High- or Low-Side, Current-Sense Comparator
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
369Kb / 20P
[Old version datasheet]   Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com