Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3208-SMA Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 3208-SMA
Description  400 MHz Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3208-SMA Datasheet(HTML) 2 Page - KR Electronics, Inc.

  3208-SMA Datasheet HTML 1Page - KR Electronics, Inc. 3208-SMA Datasheet HTML 2Page - KR Electronics, Inc. 3208-SMA Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
© 2015, KR Electronics, Inc.
3208-SMA, Rev 0
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Passband Amplitude & Group Delay
(1 dB/div & 10 nsec/div)
KR Electronics 3208-SMA
KR Electronics, Inc.
www.krfilters.com
Overall Response
(10 dB/div)


Similar Part No. - 3208-SMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3208 ETC2-3208 Datasheet
246Kb / 2P
   Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
3208 ETC2-3208 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3208 HEYCO-3208 Datasheet
220Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Sensata Technologies, I...
3208 SENSATA-3208 Datasheet
176Kb / 3P
   ROTARY MOTION | PRECISION SENSOR
logo
PHOENIX CONTACT
3208090 PHOENIX-3208090 Datasheet
195Kb / 25P
   Installation ground terminal block - PTB 2,5-PE/L/NTG
More results

Similar Description - 3208-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3260-400-SMA KR-3260-400-SMA Datasheet
120Kb / 3P
   400 MHz Bandpass Filter
3260-400 KR-3260-400 Datasheet
70Kb / 3P
   400 MHz Bandpass Filter
logo
Integrated Circuit Syst...
SF0400BA02375S ICST-SF0400BA02375S Datasheet
95Kb / 2P
   400 MHz SAW Bandpass Filter
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
855780 TRIQUINT-855780 Datasheet
49Kb / 1P
   199 MHz Bandpass Filter
855832 TRIQUINT-855832 Datasheet
63Kb / 1P
   230 MHz Bandpass Filter
855559 TRIQUINT-855559 Datasheet
58Kb / 1P
   398 MHz Bandpass Filter
855590 TRIQUINT-855590 Datasheet
66Kb / 1P
   201 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com