Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU6M Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # KBU6M
Description  Silicon-Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBU6M Datasheet(HTML) 2 Page - Diotec Semiconductor

  KBU6M Datasheet HTML 1Page - Diotec Semiconductor KBU6M Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2
F:\Data\WP\DatBlatt\Einzelblätter\kbu6a-6m.wpd
KBU 6A … KBU 6M
Characteristics
Kennwerte
Max. fwd. current without cooling fin
T
A = 50
/CR-load
I
FAV
4.2 A
Dauergrenzstrom ohne Kühlblech
C-load
I
FAV
3.4 A
Max. current with cooling fin 300 cm2
T
A = 50
/CR-load
I
FAV
6.0 A
Dauergrenzstrom mit Kühlblech 300 cm2
C-load
I
FAV
4.8 A
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 6 A
V
F
< 1.0 V 1)
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 10
:A
Thermal resistance junction to case
R
thC
< 3.3 K/W
Wärmewiderstand Sperrschicht – Gehäuse
Type
Typ
Max. admissible load capacitor
Max. zulässiger Ladekondensator
C
L [
:F]
Min. required protective resistor
Min. erforderl. Schutzwiderstand
R
t [
S]
KBU 6A
20000
0.25
KBU 6B
10000
0.5
KBU 6D
5000
1.0
KBU 6G
2500
2.0
KBU 6J
1500
3.0
KBU 6K
1000
4.0
KBU 6M
800
5.0


Similar Part No. - KBU6M

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
KBU6M NJSEMI-KBU6M Datasheet
88Kb / 1P
   SINGLE-PHASE SILICON BRIDGE
logo
Semtech Corporation
KBU6M SEMTECH-KBU6M Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
Vishay Siliconix
KBU6M VISHAY-KBU6M Datasheet
100Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
America Semiconductor, ...
KBU6M AMERICASEMI-KBU6M Datasheet
584Kb / 2P
   BRIDGE RECTIFIERS
logo
Diotec Semiconductor
KBU6M DIOTEC-KBU6M Datasheet
689Kb / 2P
   Single Phase Bridge Rectifier
More results

Similar Description - KBU6M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com