Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2157-10.5-5-50-SMA Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2157-10.5-5-50-SMA
Description  10.5MHz Center Frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2157-10.5-5-50-SMA Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2157-10.5-5-50-SMA Datasheet HTML 1Page - KR Electronics, Inc. 2157-10.5-5-50-SMA Datasheet HTML 2Page - KR Electronics, Inc. 2157-10.5-5-50-SMA Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
© 2010, KR Electronics, Inc.
2157-10.5-5-50-SMA , 10.5 MHz Bandpass, Rev 0, January 6, 2010
Passband Amplitude & Group Delay
(1 dB/div & 500 nsec/div)
KR Electronics
Typical Performance
KR Electronics, Inc.
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax


Similar Part No. - 2157-10.5-5-50-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2157-10.7-5-50 KR-2157-10.7-5-50 Datasheet
21Kb / 1P
   Bandpass Filter
2157-10.7-5-50 KR-2157-10.7-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results

Similar Description - 2157-10.5-5-50-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2157-105-5-50-SMA KR-2157-105-5-50-SMA Datasheet
70Kb / 3P
   10.5MHz Center Frequency
logo
Murata Manufacturing Co...
CEG231G73DCB100 MURATA-CEG231G73DCB100 Datasheet
176Kb / 2P
   center frequency tolerance
CEG232G53DCB100 MURATA-CEG232G53DCB100 Datasheet
165Kb / 2P
   center frequency tolerance
CES40942MDCB000 MURATA-CES40942MDCB000 Datasheet
170Kb / 2P
   center frequency tolerance
CEG231G76CCB100 MURATA-CEG231G76CCB100 Datasheet
166Kb / 2P
   center frequency tolerance
CEG23832MDCB000 MURATA-CEG23832MDCB000 Datasheet
165Kb / 2P
   center frequency tolerance
CES202G59CCB000 MURATA-CES202G59CCB000 Datasheet
167Kb / 2P
   center frequency tolerance
CES301G84DCB000 MURATA-CES301G84DCB000 Datasheet
174Kb / 2P
   center frequency tolerance
CES301G95ECB000 MURATA-CES301G95ECB000 Datasheet
173Kb / 2P
   center frequency tolerance
CES40881MDCB000 MURATA-CES40881MDCB000 Datasheet
169Kb / 2P
   center frequency tolerance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com