Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

760308101304 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 760308101304
Description  WE-WPCC Wireless Power Charging Transmitter Coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

760308101304 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  760308101304 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308101304 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308101304 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308101304 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308101304 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308101304 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Cautions & Warnings:
The following conditions apply to all goods within the product series of WE-WPCC of Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
or termination.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical wave soldering specification, otherwise this will void the
warranty.
• Reflow soldering is not applicable. Wave soldering is recommended.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
• Due to heavy weight of the component, strong forces and high accelerations might have the effect to damage the electrical connection
or to harm the circuit board and will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
WE
WE
DIN ISO 2768-1m
DESCRIPTION
WE-WPCC Wireless Power
Charging Transmitter Coil
ORDER CODE
760308101304
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
Ø 48
001.001
Draft
2015-12-01
5/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 760308101304

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760308101302 WURTH-760308101302 Datasheet
342Kb / 6P
   WE-WPCC Wireless Power Transfer Transmitter Coil
002.005
760308101303 WURTH-760308101303 Datasheet
312Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
760308101309 WURTH-760308101309 Datasheet
521Kb / 6P
   WE-WPCC Wireless Power Transfer Receiver Coil
001.002
More results

Similar Description - 760308101304

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760308102142 WURTH-760308102142 Datasheet
335Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308100143 WURTH-760308100143 Datasheet
321Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308110 WURTH-760308110 Datasheet
328Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308141 WURTH-760308141 Datasheet
324Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308103102 WURTH-760308103102 Datasheet
312Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308111 WURTH-760308111 Datasheet
328Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308101104 WURTH-760308101104 Datasheet
320Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308100110 WURTH-760308100110 Datasheet
340Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308105 WURTH-760308105 Datasheet
329Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308100141 WURTH-760308100141 Datasheet
330Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308102144 WURTH-760308102144 Datasheet
342Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com