Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P136-06N-UHD-V2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P136-06N-UHD-V2
Description  DisplayPort 1.2 to HDMI Active Converter, DisplayPort to HDMI (M/F), UHD 4K x 2K/1080p, 6 in.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P136-06N-UHD-V2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P136-06N-UHD-V2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P136-06N-UHD-V2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DisplayPort 1.2 to HDMI Active Converter,
DisplayPort to HDMI (M/F), UHD 4K x 2K/1080p, 6 in.
MODEL NUMBER: P136-06N-UHD-V2
Description
The P136-06N-UHD-V2 DisplayPort 1.2 to HDMI Active Converter connects a DisplayPort 1.2 computer to the HDMI port on a monitor, projector or television.
With a male DisplayPort connector and a female HDMI connector, this converter lets you use your existing HDMI display instead of buying a new DisplayPort
monitor.
Ideal for displaying crystal-clear video on a large monitor or digital sign, this converter supports Ultra High Definition (UHD) video resolutions up to 3840 x
2160 (4K x 2K), as well as rich, full audio (if your DisplayPort card supports audio passthrough) and HDCP (High-Definition Content Protection). Because it’s
an active converter, the P136-06N-UHD-V2 converts both Single-Mode and Dual-Mode (DP++) DisplayPort output. It’s perfect for use with graphics cards,
such as AMD Eyefinity, that do not output DP++ signals.
Plug and play with no software, drivers or power supply needed. Gold-plated connectors and contacts ensure excellent conductivity. Integral strain relief
ensures the converter and molded connectors last a long time. The P136-06N-UHD-V2 is backward compatible with previous DisplayPort generations and fits
easily in a briefcase, backpack or laptop bag for connecting on the go.
Features
Send High-Quality DisplayPort 1.2 Audio/Video Signals to an HDMI Display
Connects DisplayPort 1.2 computer to HDMI-enabled monitor, projector or TV
Ideal for displaying video on large monitor or digital sign
Female HDMI and male DisplayPort connectors
Backward compatible with previous DisplayPort generations
Vibrant, Superior Video Quality
Supports Ultra High Definition (UHD) video resolutions up to 3840 x 2160 (4K x 2K)
Supports audio and HDCP
Converts both Single-Mode and Dual-Mode DisplayPort output
Works with graphics cards that don’t output DP++ signals, such as AMD Eyefinity
Highlights
Active converter works with all
DisplayPorts
Supports UHD video resolutions
up to 3840 x 2160 (4K x 2K)
Supports audio and HDCP
Converts both Single-Mode and
Dual-Mode DisplayPort output
Gold-plated connectors and
contacts
Package Includes
P136-06N-UHD-V2 DisplayPort
1.2 to HDMI Active Converter
(M/F), 6 in.
1 / 2


Similar Part No. - P136-06N-UHD-V2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136-06N-ACT TRIPPLITE-P136-06N-ACT Datasheet
161Kb / 2P
   DisplayPort to HDMI Active Converter, 4Kx2K UHD / 1080P (M/F) 6-in.
P136-06N-H2V2 TRIPPLITE-P136-06N-H2V2 Datasheet
165Kb / 3P
   DisplayPort 1.2 to HDMI Active Converter (M/F), 4K x 2K (3840 x 2160) @ 60 Hz, HDMI 2.0, HDCP 2.2, 6 in.
P136-06N-H2V2LB TRIPPLITE-P136-06N-H2V2LB Datasheet
166Kb / 2P
   DisplayPort to HDMI 2.0 Active Adapter - M/F, Latching Connector, 4K @ 60 Hz, 6 in., Black
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
   DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
P136-06N-HDV-4K TRIPPLITE-P136-06N-HDV-4K Datasheet
166Kb / 2P
   DisplayPort 1.2 to VGA/DVI/HDMI All-in-One Converter Adapter, 4K x 2K HDMI @ 24/30 Hz
More results

Similar Description - P136-06N-UHD-V2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136-06N-ACT TRIPPLITE-P136-06N-ACT Datasheet
161Kb / 2P
   DisplayPort to HDMI Active Converter, 4Kx2K UHD / 1080P (M/F) 6-in.
P13606NACT TRIPPLITE-P13606NACT Datasheet
496Kb / 2P
   DisplayPort to HDMI Active Converter,1920x1200-1080P (M-F) 6-in
P130-000-DP TRIPPLITE-P130-000-DP Datasheet
503Kb / 2P
   HDMI/DVI to DisplayPort Active Converter, HDMI to DisplayPort (F/F), 1920 x 1200 (1080p)
P130-06N-DP-V2 TRIPPLITE-P130-06N-DP-V2 Datasheet
177Kb / 3P
   HDMI to DisplayPort Active Converter 4K with USB Power, HDMI to DisplayPort (M/F), 4096 x 2160/4K x 2K @ 30 Hz, 6 in.
P582-006-V2-ACT TRIPPLITE-P582-006-V2-ACT Datasheet
491Kb / 2P
   DisplayPort 1.2 to HD Active Adapter Cable, DP with Latches to HDMI (M/M), UHD 4K x 2K/1080p, 6 ft.
P136000 TRIPPLITE-P136000 Datasheet
469Kb / 2P
   DisplayPort to HDMI Converter, 1920x1200-1080p (M-F) 6-in
P136-06N-H2V2 TRIPPLITE-P136-06N-H2V2 Datasheet
165Kb / 3P
   DisplayPort 1.2 to HDMI Active Converter (M/F), 4K x 2K (3840 x 2160) @ 60 Hz, HDMI 2.0, HDCP 2.2, 6 in.
P582-003-V2-ACT TRIPPLITE-P582-003-V2-ACT Datasheet
487Kb / 2P
   DisplayPort 1.2 to HD Active Adapter Cable, DP with Latches to HDMI (M/M), UHD 4K x 2K/1080p, 3 ft.
P582-006-V2 TRIPPLITE-P582-006-V2 Datasheet
493Kb / 2P
   DisplayPort 1.2 to HD Adapter Cable, DP with Latches to HDMI (M/M), UHD 4K x 2K/1080p, 6 ft.
P136-000-UHD-V2 TRIPPLITE-P136-000-UHD-V2 Datasheet
163Kb / 2P
   DisplayPort 1.2 to HDMI 4K Active Converter Adapter, HDCP 1.3, DPCP 1.0 (M/F), UHD 4K x 2K @ 24/30 Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com