Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P315-06N Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P315-06N
Description  3.5 mm Mini Stereo to 2 RCA Audio Y Splitter Adapter Cable (M/F), 6 in.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P315-06N Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P315-06N Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P315-06N Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5 mm Mini Stereo to 2 RCA Audio Y Splitter
Adapter Cable (M/F), 6 in.
MODEL NUMBER: P315-06N
Description
The P315-06N 3.5 mm Mini Stereo to 2 RCA Audio Y Splitter Adapter Cable connects your computer, MP3 player, portable CD player, cassette player, radio
or other compatible digital or analog audio device to your receiver or home stereo system. Durable enough to stand up to the stresses of everyday use, this
molded cable with built-in strain relief features a male 3.5 mm mini stereo plug and two RCA female connectors designed to deliver crisp, clear audio signals to
your speakers.
Features
Connects Your Audio Device to an Appropriate Output
Features one male 3.5 mm mini stereo and 2 female RCA connectors
Connects compatible digital or analog audio devices, such as computers, MP3 players and portable CD players, to your receiver or home stereo system
Molded cable with built-in strain relief stands up to everyday use
Specifications
INPUT
Cable Length (ft.)
0.5
Cable Length (m)
0.15
Cable Length (in.)
6
PHYSICAL
Color
Black
CONNECTIONS
Connector A
3.5MM (MALE)
Highlights
Male 3.5 mm mini stereo plug
Dual female RCA connectors
Molded cable with built-in strain
relief
Designed for everyday use
Package Includes
P315-06N 3.5 mm Mini Stereo to
2 RCA Audio Y Splitter Adapter
Cable (M/F), 6 in.
1 / 2


Similar Part No. - P315-06N

ManufacturerPart #DatasheetDescription
logo
celduc-relais
P3150000 CELDUC-P3150000 Datasheet
186Kb / 1P
   MOULDED CONTROL MAGNET
logo
ETAL Group
P3156 ETAL-P3156 Datasheet
122Kb / 4P
   ULTRA LOW DISTORTION LOW PROFILE LINE MATCHING TRANSFORMER
More results

Similar Description - P315-06N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P316-06N TRIPPLITE-P316-06N Datasheet
158Kb / 2P
   3.5mm Mini Stereo to Two RCA Audio Y Splitter Adapter Cable (3.5mm F to 2x RCA M), 6-in.
P31606N TRIPPLITE-P31606N Datasheet
483Kb / 2P
   3.5mm Mini Stereo to Two RCA Audio Y Splitter Adapter Cable (3.5mm F to 2x RCA M), 6-in
P314-006 TRIPPLITE-P314-006 Datasheet
156Kb / 2P
   3.5mm Mini Stereo to 2-RCA Audio Y Splitter Adapter Cable (3.5mm M to 2x RCA M), 6-ft.
P314-012 TRIPPLITE-P314-012 Datasheet
156Kb / 2P
   3.5mm Mini Stereo to 2-RCA Audio Y Splitter Adapter Cable (3.5mm M to 2x RCA M), 12-ft.
P313-06N-WH TRIPPLITE-P313-06N-WH Datasheet
155Kb / 2P
   3.5mm Mini Stereo Cable adapter Y Splitter for Speakers and Headphones (M to 2x F) White, 6-in.
logo
List of Unclassifed Man...
ACB-2RCAMJ-0006 ETC2-ACB-2RCAMJ-0006 Datasheet
78Kb / 1P
   Stereo Audio Cable RCA Male to 3.5-mm Male, 6-ft.
logo
Tripp Lite. All Rights ...
P313-001 TRIPPLITE-P313-001 Datasheet
152Kb / 2P
   3.5mm Mini Stereo Cable adapter Y Splitter for Speakers and Headphones (M to 2x F) 1-ft.
P313001 TRIPPLITE-P313001 Datasheet
464Kb / 2P
   3.5mm Mini Stereo Cable adapter Y Splitter for Speakers and Headphones (M to 2x F) 1-ft
logo
Pomona Electronics
6882 POMONA-6882 Datasheet
76Kb / 1P
   RCA (F/M/F) Adapter
logo
Tripp Lite. All Rights ...
P586006VGA TRIPPLITE-P586006VGA Datasheet
505Kb / 2P
   Mini DisplayPort to VGA Cable Adapter (M-M), 6-f
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com