Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE6.8A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # P4KE6.8A
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4KE6.8A Datasheet(HTML) 1 Page - Diotec Semiconductor

  P4KE6.8A Datasheet HTML 1Page - Diotec Semiconductor P4KE6.8A Datasheet HTML 2Page - Diotec Semiconductor P4KE6.8A Datasheet HTML 3Page - Diotec Semiconductor P4KE6.8A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1) Non-repetitive current pulse see curve I
PPM = f (tr)
Höchstzulässiger Spitzenwert eines einmaligen Strom-Impulses, siehe Kurve I
PPM = f (tr)
2) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
3) Unidirectional diodes only – Nur für unidirektionale Dioden
1
07.01.2003
P4 KE 6.8 ... P4 KE 440CA
Unidirectional and bidirectional
Unidirektionale und bidirektionale
Transient Voltage Suppressor Diodes
Spannungs-Begrenzer-Dioden
Peak pulse power dissipation
400 W
Impuls-Verlustleistung
Nominal breakdown voltage
6.8...440 V
Nominale Abbruch-Spannung
Plastic case – Kunststoffgehäuse
DO-15 (DO-204AC)
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped in ammo pack
see page 16
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 16
For bidirectional types (suffix “C” or “CA”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “C” oder “CA”) gelten die el. Werte in beiden Richtungen.
Maximum ratings and Characteristics
Kenn- und Grenzwerte
Peak pulse power dissipation (10/1000
:s waveform)
T
A = 25
/CP
PPM
400 W 1)
Impuls-Verlustleistung (Strom-Impuls 10/1000
:s)
Steady state power dissipation
T
A = 25
/CP
M(AV)
1 W 2)
Verlustleistung im Dauerbetrieb
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
40 A 3)
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Max. instantaneous forward voltage
I
F = 25 A
V
BR
# 200 V
V
F
< 3.0 V 3)
Augenblickswert der Durchlaßspannung
V
BR > 200 V
V
F
< 6.5 V 3)
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+175
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+175
/C
Thermal resistance junction to ambient air
R
thA
< 45 K/W 2)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to lead
R
thL
< 15 K/W
Wärmewiderstand Sperrschicht – Anschlußdraht


Similar Part No. - P4KE6.8A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE6.8A PANJIT-P4KE6.8A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Shanghai Shunye Electro...
P4KE6.8A SHUNYE-P4KE6.8A Datasheet
661Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Rugao Dachang Electroni...
P4KE6.8A DACHANG-P4KE6.8A Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Shenzhen Luguang Electr...
P4KE6.8A LUGUANG-P4KE6.8A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
P4KE6.8A WTE-P4KE6.8A Datasheet
82Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE6.8A

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com