Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR12UBEXPNDKD Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR12UBEXPNDKD
Description  SmartRack 12U 4-Post Open Frame Rack
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR12UBEXPNDKD Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR12UBEXPNDKD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR12UBEXPNDKD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR12UBEXPNDKD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Easy Assembly and Installation
Heavy-duty steel construction with durable black powder-coated finish
Assembles with included hardware and user-supplied hand tools
Vertical mounting rails with square, numbered holes and optional cable management hooks
Built-in casters for rolling the rack into position
Toolless button holes accept 0U vertical installation of PDUs and cable managers
Specifications
PHYSICAL
Rack Height (U Spaces)
12
Maximum Device Depth (in.)
36
Maximum Device Depth (cm)
91.44
Minimum Device Depth (in.)
24
Minimum Device Depth (cm)
60.96
Shipping Dimensions (hwd / in.)
3.89 x 8.41 x 42.86
Shipping Dimensions (hwd / cm)
9.88 x 21.36 x 108.86
Shipping Weight (lbs.)
55
Shipping Weight (kg)
24.95
Unit Dimensions (hwd / in.)
25.6 x 20.37 x 35.94
Unit Dimensions (hwd / cm)
65.02 x 51.74 x 91.29
Unit Weight (lbs.)
45
Unit Weight (kg)
20.41
Color
Black
Weight Capacity - Stationary (lbs.)
1000
Weight Capacity - Stationary (kg)
453.6
CERTIFICATIONS
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
EIA-310-D, IEC 60297-3-100, RoHS
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
2 / 3


Similar Part No. - SR12UBEXPNDKD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR12UB TRIPPLITE-SR12UB Datasheet
482Kb / 3P
   12U SmartRack Deep Rack Enclosure Cabinet
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
   12U SmartRack Rack Enclosure Cabinet for Harsh Environments
More results

Similar Description - SR12UBEXPNDKD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR2POST12 TRIPPLITE-SR2POST12 Datasheet
161Kb / 3P
   SmartRack 12U Desktop 2-Post Open-Frame Rack
SRWO12UHD TRIPPLITE-SRWO12UHD Datasheet
489Kb / 2P
   SmartRack 12U Wall-Mount Open Frame Rack
SR48UBEXPNDNR3 TRIPPLITE-SR48UBEXPNDNR3 Datasheet
485Kb / 3P
   48U SmartRack 4-Post Premium Open Frame Rack
SR45UBEXPND TRIPPLITE-SR45UBEXPND Datasheet
485Kb / 3P
   45U SmartRack 4-Post Premium Open Frame Rack
SR4POST25 TRIPPLITE-SR4POST25 Datasheet
478Kb / 3P
   25U SmartRack 4-Post Open Frame Rack - Organize
SR4POST13 TRIPPLITE-SR4POST13 Datasheet
488Kb / 3P
   13U SmartRack 4-Post Open Frame Rack - Organize
SRWO12US TRIPPLITE-SRWO12US Datasheet
538Kb / 2P
   SmartRack 12U Wall-Mount Pivoting Open Frame Rack
SR4POST TRIPPLITE-SR4POST Datasheet
474Kb / 3P
   45U SmartRack 4-Post Open Frame Rack, 1000-lb
SR45UBMDEXPND TRIPPLITE-SR45UBMDEXPND Datasheet
486Kb / 3P
   45U SmartRack 4-Post Mid-Depth Open Frame Rack
SR4POSTAA TRIPPLITE-SR4POSTAA Datasheet
470Kb / 2P
   TAA-Compliant 45U SmartRack 4-Post Open Frame Rack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com