Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3USB3102ZLE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB3102ZLE
Description  USB3.0 and USB2.0 Combo Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB3102ZLE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB3102ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB3102ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB3102ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB3102ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB3102ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB3102ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB3102ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB3102ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB3102ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PI3USB3102
USB3.0 and 2.0 Combo switch
11/09/12
Pin Assignment (TQFN-32)
Tx-
Tx+
SS_SEL
Rx+
Rx-
D-
D+
Rx-A
Rx+A
Tx-B
Tx+B
GND
Rx-B
Rx+B
OE
1
2
3
4
5
6
7
8
9
10
11
27
26
25
24
23
22
21
20
19
18
17
USB_ID
USB_IDA
D-A
D+A
GND
VDD
VDD
VDD
OE SS_SEL HS_SEL
Function
Low
Low
Low
Port A active for all channels
Low
Low
High
Port A for SS, port B for HS and ID
Low
High
Low
Port B for SS, port A for HS and ID
Low
High
High
Port B active for all channels
High
x
x
I/O's are hi-z and IC is power down
Truth Table
12-0264


Similar Part No. - PI3USB3102ZLE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB3102ZLE DIODES-PI3USB3102ZLE Datasheet
1Mb / 11P
   USB3.0 and USB2.0 Combo Switch
11/09/12
PI3USB3102ZLE+DA DIODES-PI3USB3102ZLE+DA Datasheet
1Mb / 11P
   USB3.0 and USB2.0 Combo Switch
11/09/12
More results

Similar Description - PI3USB3102ZLE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB3102 DIODES-PI3USB3102 Datasheet
1Mb / 11P
   USB3.0 and USB2.0 Combo Switch
11/09/12
logo
Protek Devices
PAM23LOPR42 PROTEC-PAM23LOPR42_15 Datasheet
295Kb / 6P
   USB2.0(480MBPS)SWITCH
PA2983 PROTEC-PA2983 Datasheet
163Kb / 6P
   LoPro??DPDT USB2.0 Switch
logo
XFMRS Inc.
XFGIB100-USBXU-4 XFMRS-XFGIB100-USBXU-4 Datasheet
119Kb / 3P
   GIGABIT STACKED USB2.0 COMBO
logo
Synaptics Incorporated.
CX86201 CONEXANT-CX86201 Datasheet
222Kb / 2P
   Network Processor with Integrated Ethernet Switch and USB2.0 Support
logo
Protek Devices
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
   LoPro??DPDT USB2.0 (480Mbps) Switch
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
   High-Speed, USB2.0 (480Mbps) Switch
logo
Diodes Incorporated
PI3USB30532 DIODES-PI3USB30532 Datasheet
414Kb / 1P
   3.3V, USB3.0/DP1.2 6:4 Matrix Switch
logo
KEC(Korea Electronics)
KUSB50QN KEC-KUSB50QN Datasheet
148Kb / 10P
   HIGH-SPEED USB2.0 DPDT SWITCH
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
   USB2.0 High-Speed (480Mbps) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com