Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3V713ZLE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3V713ZLE
Description  3.3V, 7-Channel Analog Video Switch with Automatic Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V713ZLE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3V713ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V713ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V713ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V713ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V713ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V713ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V713ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V713ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V713ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS9095
05/12/10
PI3V713
3.3V, 7-Channel Analog Video Switch
with Automatic Switching
PRELIMINARY INFORMATION, COMPANY CONFIDENTIAL
StorageTemperature....................................–65°Cto+150°C
SupplyVoltagetoGroundPotential...............–0.5Vto+4.0V
DCInputVoltage............................................–0.5Vto+5.5V
DCOutputCurrent......................................................120mA
PowerDissipation...........................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM RATINGS may
causepermanentdamagetothedevice.Thisisastressratingonlyand
functionaloperationofthedeviceattheseoranyotherconditionsabove
those indicated in the operational sections of this specification is not
implied.Exposuretoabsolutemaximumratingconditionsforextended
periodsmayaffectreliability.
Maximum Ratings
(Abovewhichusefullifemaybeimpaired.Foruserguidelines,
nottested.)
Truth Table
MS (Internal pull-down)
Switching Mode (1)
Pin 30 Role
SEL Priority
Result
0
AutomaticSwitching
PriorityPin
N/A
0
Port1haspriority
0
AutomaticSwitching
PriorityPin
N/A
1
Port2haspriority
1
ManualSwitching
SELpin
0
N/A
Port1isactive
1
ManualSwitching
SELpin
1
N/A
Port2isactive
Notes:
1.Automaticswitchingisachievedthroughmonitordetection.Pleaseseepage7foramoredetailedexplanationofautomaticswitching.
DC Electrical Characteristics for Video Switching over Operating Range
(TA=–40°Cto+85°C,VDD=3.3V±10%,VDD5=5V)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
InputHIGHVoltage(SEL/Priority
andMSpins)
GuaranteedHIGHlevel
2
-
-
V
VIL
InputLOWVoltage(SEL/Priority,
andMSpins)
GuaranteedLOWlevel
–0.5
-
0.8
VIK
ClampDiodeVoltage
VDD=Max.,ISELx=–18mA
-
–0.8
–1.2
IIH
InputHIGHCurrent(SEL/Priority) VDD=Max.,VSELx=VDD
-
-
±5
µA
IIL
InputLOWCurrent(SEL/Priority) VDD=Max.,VSELx=GND
-
-
±5
IOFF_H/V/DDC
PowerDownLeakageCurrentfor
H/VandDDCchannelsonly
VDD=0V,VB=0V,VA≤3.6
-
-
±5
RON
SwitchOn-ResistanceforRGB
path(3)
VDD=Min.,0V≤Vinput≤1.2V,
Iinput=–40mA
-
4.8
5.6
RFLAT(ON)
On-ResistanceFlatnessforRGB
path(4)
VDD=Min.,Vinput@0Vand1.2V,
Iinput=–40mA
-
0.5
+1
∆RON
On-Resistancematchfromcenter
portstoanyotherport(RGBpath
only)(4)
VDD=Min.,0V≤Vinput≤1.2V,
Iinput=–40mA
-
0.1
1
VOH(H/V)
OutputhighforH/Vsignals
VDD5=5V,IOH=-24mA
3.0
VDD5
V
VOL(H/V)
OutputlowforH/Vsignals
VDD5=5V,IOL=24mA
0
0.8
RPD
RGB1/2pull-downresistance
Vdd=3.3V,5VVdd=5V,
MS=x,SEL=x
135
160
180
10-0168


Similar Part No. - PI3V713ZLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
PI3V713-AZLE PERICOM-PI3V713-AZLE Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
More results

Similar Description - PI3V713ZLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
PI3V712-A PERICOM-PI3V712-A Datasheet
80Kb / 2P
   3.3V, 7-Channel Analog Video Switch with Dual Control Logic
logo
Texas Instruments
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
logo
STMicroelectronics
STMUX7000 STMICROELECTRONICS-STMUX7000 Datasheet
321Kb / 20P
   7-channel MUX/DEMUX for analog video signal
March 2011 Rev
logo
Texas Instruments
TS3V713EL TI1-TS3V713EL Datasheet
723Kb / 20P
[Old version datasheet]   7-CHANNEL, 1:2 VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com