Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A3158B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A3158B
Description  Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3158B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A3158B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-02-0003
PT0354-3
07/02/15
2
PI5A3158B
Low Voltage Dual SPDT Analog Switch
2: 1 Mux/Demux Bus Switch
Maximum Ratings
Storage Temperature…………………………………...-65℃ to +150℃
Ambient Temperature with Power Applied......................-40℃ to +85℃
Supply Voltage VCC……………………………………..-0.5V to +7.0V
DC Switch Voltage VS………………………………-0.5V to VCC+0.5V
DC Input Voltage VIN… ………………………………...-0.5V to +7.0V
DC Output Current VOUT… …………………………………….128mA
DC VCC or Ground Current ICC /IGND… ………………………±100mA
Junction Temperature under Bias (TJ) ......................................... 150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds) ................................................................ 260°C
Power Dissipation (PD) @ +85°C .............................................. 180mW
ESD(HBM)……………………………….……………….….. 2000V
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
-
1.65
-
5.5
V
VIN
Control Input Voltage
-
0
-
VCC
V
VS
Switch Input Voltage
-
0
-
VCC
V
VOUT
Output Voltage
-
0
-
VCC
V
TA
Operating Temperature
-
-40
25
85
°C
tr, tf
Input Rise and Fall Time
Control Input VCC = 2.3V - 3.6V
0
-
10
ns/V
Control Input VCC = 4.5V - 5.5V
0
-
5
ns/V
Note: Control input must be held HIGH or LOW; it must not float.
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.


Similar Part No. - PI5A3158B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PI5A3158ZA PERICOM-PI5A3158ZA Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PI5A3158ZAE PERICOM-PI5A3158ZAE Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
More results

Similar Description - PI5A3158B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
   Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
logo
Pericom Semiconductor C...
PI5A4213 PERICOM-PI5A4213 Datasheet
431Kb / 7P
   Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com