Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A3167C Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A3167C
Description  Low Voltage SPST 0.8(ohm) Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3167C Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A3167C Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3167C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3167C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3167C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3167C Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3167C Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3167C Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3167C Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3167C Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0004
PT0453-1
09/23/15
2
PI5A3167C
Low Voltage SPST 0.8Ω Analog Switch
Maximum Ratings
Storage Temperature…………………………………...-65℃ to +150℃
Ambient Temperature with Power Applied......................-40℃ to +85℃
Supply Voltage VCC ……………………………………..-0.5V to +7.0V
DC Switch Voltage VS
………………………………...-0.5V to +7.0V
DC Input Voltage VIN
… ……………………………..-0.5V to +7.0V
DC Output Current VOUT……………………………………….128mA
DC VCC or Ground Current ICC /IGND … ………………………±100mA
Junction Temperature under Bias (TJ) ...........................................150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds) ................................................................ 260°C
ESD(HBM).................................................................................4KV
Power Dissipation (PD) @ +85°C ...................................SOT23 250mW
SC70 200mW
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
-
1.65
-
5.5
V
VIN
DC Input Voltage
-
0
-
VCC
V
VS
Switch Input Voltage
-
0
-
5.5
V
VOUT
Output Voltage
-
0
-
VCC
V
TA
Operating Temperature
-
-40
25
85
°C
tr, tf
Input Rise and Fall Time
Control Input VCC = 2.7V to 3.6V
0
-
10
ns/V
Control Input VCC = 4.5V to 5.5V
0
-
5
ns/V
Note: Control input must be held HIGH or LOW; it must not float.
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.


Similar Part No. - PI5A3167C

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3166CEX PERICOM-PI5A3166CEX Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3166TAEX PERICOM-PI5A3166TAEX Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
More results

Similar Description - PI5A3167C

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2741 VISHAY-DG2741 Datasheet
102Kb / 7P
   Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
Rev. A, 29-Dec-03
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
   Low Voltage Dual SPDT 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
logo
ams AG
AS1741 AMSCO-AS1741 Datasheet
293Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com