Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A4157TAEX Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5A4157TAEX
Description  Low Voltage SPDT 0.8(ohm) Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4157TAEX Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI5A4157TAEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4157TAEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4157TAEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4157TAEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4157TAEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4157TAEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4157TAEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A4157TAEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5A4157TAEX Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0005
PT0386-3
09/23/15
6
PI5A4157
Low Voltage SPDT 0.8Ω Analog Switch
0V or VIH
0V or VIH
0V or VIH
1nF
Figure 3. Charge Injection Test
Figure 4. Off Isolation
Figure 5. Crosstalk
Figure 6. Channel Off Capacitance
Figure 7. Channel On Capacitance


Similar Part No. - PI5A4157TAEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4158ZAEX PERICOM-PI5A4158ZAEX Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results

Similar Description - PI5A4157TAEX

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
   Low Voltage Dual SPDT 0.8(ohm) Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157 Datasheet
418Kb / 10P
   0.8廓 Low-Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A3167C PERICOM-PI5A3167C Datasheet
538Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC_15 Datasheet
311Kb / 9P
   SPDT 0.8 Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com