Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A4158ZAEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A4158ZAEX
Description  Low Voltage SPDT 0.8(ohm) Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4158ZAEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A4158ZAEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4158ZAEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4158ZAEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4158ZAEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4158ZAEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4158ZAEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4158ZAEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4158ZAEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0006
PT0389-2
09/23/15
3
PI5A4158
Low Voltage SPDT 0.8Ω Analog Switch
DC Electrical Characteristics
(TA = –40°C to 85°C, Typical values are at 3V and +25°C, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Supply Voltage
Min.
Typ.
Max.
Units
VIAR
Analog Input Signal Range
-
VCC
0
-
VCC
V
RON
ON Resistance
(1)
IAx=100mA, VnBx =0V
VCC=4.5V
-
0.7
1.1
Ω
IAx=100mA, VnBx =2.4V
-
0.6
1.0
IAx=100mA, VnBx =4.5V
-
0.8
1.2
IAx=100mA, VnBx =0V
VCC=3.0V
-
0.8
1.3
Ω
IAx=100mA, VnBx =3.0V
-
0.9
1.9
IAx=100mA, VnBx =0V
VCC=2.3V
-
1.0
1.5
Ω
IAx=100mA, VnBx =2.3V
-
1.2
1.8
IAx=100mA, VnBx =0V
VCC=1.65V
-
1.3
1.9
Ω
IAx=100mA, VnBx =1.65V
-
2.0
2.8
∆R
ON
ON Resistance Match
Between Channels
(1,2,3)
IAx=100mA, VnBx =3.15V
VCC=4.5V
-
0.01
0.03
Ω
IAx=100mA, VnBx =2.1V
VCC=3.0V
-
0.02
0.04
IAx=100mA, VnBx =1.6V
VCC=2.3V
-
0.03
0.06
IAx=100mA, VnBx =1.15V
VCC=1.65V
-
0.03
0.06
RONF
ON Resistance Flatness
(1,2,4)
IAx=100mA, VnBx =0V,2.4V,4.5V
VCC=4.5V
-
0.2
0.4
Ω
IAx=100mA, VnBx =0V,1.5V,3.3V
VCC=3.3V
-
0.2
0.4
IAx=100mA, VnBx =0V,1.1V,2.5V
VCC=2.5V
-
0.4
0.6
IAx=100mA, VnBx =0V, 0.7V,1.8V
VCC=1.8V
-
1.0
1.4
VIH
Input High Voltage
Logic High Level
VCC=1.65V
-
0.9
-
V
VCC=2.3V
-
1.0
-
VCC=3.0V
-
1.1
-
VCC=4.2V
-
1.2
-
VCC=5.5V
-
1.3
-
VIL
Input Low Voltage
Logic Low Level
VCC=1.65V
-
-
0.6
V
VCC=2.3V
-
-
0.6
VCC=3.0V
-
-
0.6
VCC=4.2V
-
-
0.8
VCC=5.5V
-
-
0.8
IOFF(Bn)
Source Off Leakage Current
VAx=1V/4.5V, VnBx=1V/4.5V
VCC=3.0V
-20
-
+20
nA
ION(A, Bn) Channel On Leakage Current
-
VCC=1.65V to
5.5V
-40
-
+40
nA
ICC
Quiescent Supply Current
All Channels ON or OFF,
VnBx=VCC and GND, IOUT=0A
VCC=3.6V
-
0.004
0.2
µA
VCC=5.5V
-
0.004
0.2
ICCT
Increase in ICC per Input
Channel Input at 2.7V
VCC=4.3V
-
0.2
10.0
µA
Notes:
1. Measured by voltage drop between A and B pins at the indicated current through the device. ON resistance is determined by the lower of
the voltages on two ports (Ax or nBx) x= 0 or 1, n= 0 or 1.
2. Parameter is characterized but not tested in production.
3.
R
ON = RON max – RON min. measured at identical VCC, temperature and voltage levels.
4. Flatness is defined as difference between maximum and minimum value of ON resistance over the specified range of conditions.
Capacitance
(1)
Symbol
Parameter
Test Conditions
Supply Voltage
Temp (º
C)
Min.
Typ.
Max.
Units
CIN
Control Input
f = 1 MHz
VCC = 5.0V
TA = 25°C
-
3.5
-
pF
CIO-B
For Bn Port, Switch OFF
-
15.0
-
CIOA-ON
For An Port, Switch ON
-
34.0
-
Notes:
1. Capacitance is characterized but not tested in production


Similar Part No. - PI5A4158ZAEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4157CEX PERICOM-PI5A4157CEX Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4157TAEX PERICOM-PI5A4157TAEX Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4157ZUEX PERICOM-PI5A4157ZUEX Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results

Similar Description - PI5A4158ZAEX

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
   Low Voltage Dual SPDT 0.8(ohm) Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157 Datasheet
418Kb / 10P
   0.8廓 Low-Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A3167C PERICOM-PI5A3167C Datasheet
538Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC_15 Datasheet
311Kb / 9P
   SPDT 0.8 Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com