Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A4599B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5A4599B
Description  SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4599B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5A4599B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4599B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4599B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4599B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4599B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4599B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4599B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4599B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
SOTiny
TM Low Resistance, Low-Voltage Single-Supply SPDT Switch
13-01-0003
PT0385-1
01/25/13
1
PI5A4599B
Features
CMOS Technology for Bus and Analog
Applications
Low On-Resistance: 8Ω at 3.0V
Wide V+ Range: 1.65V to 6.0V
Rail-to-Rail Signal Range
Fast Transition Speed: 2ns at 5.0V
High Off Isolation: -63dB @ 10MHz
Break-Before-Make Switching
High Bandwidth: 350MHz
Extended Industrial Temperature Range:
-40°C to 85°C
Packaging (Pb-free and Green):
-6-pin Small Compact SC70(C6)
-6-pin SOT23 (TA6)
Pin Assignment
Description
The PI5A4599B is a high-bandwidth, fast single-pole
double-throw (SPDT) CMOS switch. It can be used as
an analog switch or as a low-delay bus switch. Specified
over a wide operating power supply voltage range,
1.65V to 6.0V, the PI5A4599B has a maximum ON
resistance of 12-ohms at 1.65V, 9-ohms at 2.3V & 6-
ohms at 4.5V.
Break-before-make switching prevents both switches
being enabled simultaneously. This eliminates signal
disruption during switching.
The control input, IN, is independent of supply voltage.
Applications
Cell Phones
PDAs
MP3 Players
Portable Instrumentation
Battery powered Communications
Computer Peripherals
Pin Description
Pin No
Pin Name
Description
1
IN
Logic control
2
V+
Positive Power Supply
3
GND
Ground
4
NC
Data Port (Normally connected)
5
COM
Common Output/Data Port
6
NO
Data Port
Logic Function Table
Logic Inputs(IN)
NC
NO
0
ON
OFF
1
OFF
ON
PI5A4599B


Similar Part No. - PI5A4599B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4599A PERICOM-PI5A4599A Datasheet
421Kb / 8P
   SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599ACX PERICOM-PI5A4599ACX Datasheet
421Kb / 8P
   SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
More results

Similar Description - PI5A4599B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4599A PERICOM-PI5A4599A Datasheet
421Kb / 8P
   SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4624 PERICOM-PI5A4624 Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714 INTERSIL-ISL84714 Datasheet
228Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714IH-T INTERSIL-ISL84714IH-T Datasheet
225Kb / 10P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, SPDT Analog Switch
January 19, 2009
logo
Renesas Technology Corp
ISL54053 RENESAS-ISL54053 Datasheet
658Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com