Electronic Components Datasheet Search |
|
LQH31HZR29J03 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
LQH31HZR29J03 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page LQH31HZR29J03# # indicates a package specification code. < List of part numbers with package codes > LQH31HZR29J03L , LQH31HZR29J03K Shape L size 3.2 ±0.3mm W size 1.6 ±0.2mm T size 1.8 ±0.2mm Size code in inch (mm) 1206 (3216) Specifications Inductance 290nH ±5% Inductance test frequency 1MHz Rated current (Itemp) (Based on Temperature rise) 420mA Max. of DC resistance 0.221Ω Avg. of DC resistance 0.17Ω±30% Q (min.) 60 Q test frequency 100MHz Self resonance frequency (min.) 360MHz Operating temperature range (Self-temperature rise is not included) -40∼85℃ References Packaging code Specifications Minimum quantity φ180mm Embossed taping 2000 φ330mm Embossed taping 7500 Mass (Typ.) 1 piece 0.029g 1 of 2 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last updated: 2016/04/21 |
Similar Part No. - LQH31HZR29J03 |
|
Similar Description - LQH31HZR29J03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |