Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF13A-13P-1.25V Datasheet(PDF) 4 Page - Hirose Electric

Part # DF13A-13P-1.25V
Description  1.25mm Pitch Miniature Crimping Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13A-13P-1.25V Datasheet(HTML) 4 Page - Hirose Electric

  DF13A-13P-1.25V Datasheet HTML 1Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 2Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 3Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 4Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 5Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 6Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 7Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 8Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
B186
sSingle Row Straight Pin Header (Through hole)
sSingle Row Right Angle Pin Header (Through hole)
qBoard Through-hole Diameter:Ø0.6±0.03
qBoard Through-hole Diameter:Ø0.6±0.03
[Specific No.] – **, (**)
Blank: Tin plated
20: Tin plated, tube packaging
[Specific No.] – **, (***)
(20): Tin plated tube packaging
BTube Dimensions
BTube Dimensions
Note 1.The quantity at the specific No. "None" is delivered per bag (100 pcs.). If needed, please select and order the products per bag.
Unit: mm
Part Number
CL No.
DF13-2P-1.25DSA(**)
DF13-3P-1.25DSA(**)
DF13-4P-1.25DSA(**)
DF13-5P-1.25DSA(**)
DF13-6P-1.25DSA(**)
DF13-7P-1.25DSA(**)
DF13-8P-1.25DSA(**)
536-0101-9-**
536-0102-1-**
536-0103-4-**
536-0104-7-**
536-0105-0-**
536-0106-2-**
536-0107-5-**
2
3
4
5
6
7
8
1.25
2.50
3.75
5.00
6.25
7.50
8.75
4.15
5.40
6.65
7.90
9.15
10.40
11.65
Number of Contacts
A
B
Part Number
CL No.
DF13- 9P-1.25DSA(**)
DF13-10P-1.25DSA(**)
DF13-11P-1.25DSA(**)
DF13-12P-1.25DSA(**)
DF13-13P-1.25DSA(**)
DF13-14P-1.25DSA(**)
DF13-15P-1.25DSA(**)
536-0108-8-**
536-0109-0-**
536-0110-0-**
536-0111-2-**
536-0112-5-**
536-0113-8-**
536-0114-0-**
9
10
11
12
13
14
15
10.00
11.25
12.50
13.75
15.00
16.25
17.50
12.90
14.15
15.40
16.65
17.90
19.15
20.40
Number of Contacts
A
B
Note 1.Order the tube packaging product, multiplying the tube packaging quantity.
Unit: mm
Part Number
CL No.
DF13-2P-1.25DS(**)
DF13-3P-1.25DS(**)
DF13-4P-1.25DS(**)
DF13-5P-1.25DS(**)
DF13-6P-1.25DS(**)
DF13-7P-1.25DS(**)
DF13-8P-1.25DS(**)
536-0151-7-**
536-0152-0-**
536-0153-2-**
536-0154-5-**
536-0155-8-**
536-0156-0-**
536-0157-3-**
2
3
4
5
6
7
8
1.25
2.50
3.75
5.00
6.25
7.50
8.75
4.15
5.40
6.65
7.90
9.15
10.40
11.65
115
89
72
61
52
46
41
Number of Contacts
A
B
Tube Packaging Quantity
Part Number
CL No.
DF13- 9P-1.25DS(**)
DF13-10P-1.25DS(**)
DF13-11P-1.25DS(**)
DF13-12P-1.25DS(**)
DF13-14P-1.25DS(**)
DF13-15P-1.25DS(**)
536-0158-6-**
536-0159-9-**
536-0160-8-**
536-0161-0-**
536-0163-6-**
536-0164-9-**
9
10
11
12
14
15
10.00
11.25
12.50
13.75
16.25
17.50
12.90
14.15
15.40
16.65
19.15
20.40
37
34
31
29
25
23
Number of Contacts
A
B
Tube Packaging Quantity


Similar Part No. - DF13A-13P-1.25V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF13-10DS-1.25C HIROSE-DF13-10DS-1.25C Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF13-10P-1.25DS(20) HIROSE-DF13-10P-1.25DS(20) Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 17 DF13-10P-1.25DSA(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com