Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF22L-1P-7.92DSA Datasheet(PDF) 11 Page - Hirose Electric

Part # DF22L-1P-7.92DSA
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22L-1P-7.92DSA Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF22L-1P-7.92DSA Datasheet HTML 7Page - Hirose Electric DF22L-1P-7.92DSA Datasheet HTML 8Page - Hirose Electric DF22L-1P-7.92DSA Datasheet HTML 9Page - Hirose Electric DF22L-1P-7.92DSA Datasheet HTML 10Page - Hirose Electric DF22L-1P-7.92DSA Datasheet HTML 11Page - Hirose Electric DF22L-1P-7.92DSA Datasheet HTML 12Page - Hirose Electric DF22L-1P-7.92DSA Datasheet HTML 13Page - Hirose Electric DF22L-1P-7.92DSA Datasheet HTML 14Page - Hirose Electric DF22L-1P-7.92DSA Datasheet HTML 15Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Note 1: Applicable wire with tin plated solid soft conductor.
Note 2: When using other than the recommended wire, contact your nearest Hirose representative.
Note 3: Strip length: 3.5 to 4.5mm
sCrimp Contact for socket
t=0.3
2.8
3.8
4.7
P=15.5
3.8
P=16.5
2.8
4.7
t=0.4
For AWG# 14 to 16
For AWG# 10 to 12
CL No.
Part Number
Applicable cable
UL style
Jacket diameter
Wire size
Stranded wire conductor
Packaging
Quantity
DF22-1416SCF
DF22-1416SC
DF22A-1416SCF
DF22A-1416SC
DF22A-1012SCF
DF22A-1012SC
1430
1015
2.4 to 3.0
3.0 to 3.8
3.6 to 4.9
AWG
#16
AWG
#14
AWG
#12
AWG
#10
26/0.254
41/0.26
65/0.26
104/0.26
Reel
Bag
Reel
Bag
Reel
Bag
2,500
100
2,000
100
2,000
100
680-1000-3
680-1001-6
680-1002-9
680-1003-1
680-1089-7
680-1090-6
Note 1: Applicable wire with tin plated solid soft conductor.
Note 2: When using other than the recommended wire, contact your nearest Hirose representative.
Note 3: Strip length: 3.5 to 4.5mm
sCrimp Contact
for In-line Plug
1.6
3.8
P=15.5
0.8
2.8
4.7
t=0.3
1416
CL No.
Part Number
Applicable cable
UL style
Jacket diameter
Wire size
Stranded wire conductor
Packaging
Quantity
DF22-1416PCF
DF22-1416PC
DF22A-1416PCF
DF22A-1416PC
1430
1015
2.4 to 3.0
3.0 to 3.8
AWG
#16
AWG
#14
26/0.254
41/0.26
Reel
Bag
Reel
Bag
2,500
100
2,000
100
680-1078-0
680-1080-2
680-1079-3
680-1081-5


Similar Part No. - DF22L-1P-7.92DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 17 DF22L-1P-7.92DSA(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com