Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP30-1600 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # FP30-1600
Description  Power Transformer PC Mount: Flat Pack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FP30-1600 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  FP30-1600 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transformer
PC Mount: Flat Pack
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
1
2
4
3
7
8
6
5
5
6
8
7
3
4
2
1
.0 6 0 D IA H OL ES
B
E
F
E
G
A
C
D
FP30-1600
Electrical Specifications (@25C)
1. Maximum Power: 48 VA
2. Primary Voltage:
Series:
230V@50/60 Hz
Parallel: 115V@50/60Hz
3. Secondary:
Series:
30.0VCT @ 1.6Amps
Parallel:
15.0V @ 3.2Amps
Description:
The FP30-1600 is part of a series which has a long history of reliable service in the
field, made from a proven design and constructed with UL recognized materials.
Construction:
Wound on two dual channel nylon bobbin. Materials are UL recognized, Class B
(130º C) rated.
Safety:
These products are 100% hipot tested with an insulation of 2000V between
primary and secondary windings and 1500V between the primary / secondary
windings and the core.
Agency File:
UL: File E53148, UL 506, Class B General Purpose Transformer,
cUL: File E53148, UL 506, Class B General Purpose Transformer, Canadian Use
Dimensions:
A
B
C
D
E
F
G
3.12
2.50
1.375
0.267
0.600
0.669
2.18
Units: In inches
Weight:
21.0 oz
Pin Dimension: .020 x .041 in
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is co
nsidered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.


Similar Part No. - FP30-1600

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FP30-200 TRIAD-FP30-200 Datasheet
43Kb / 1P
   FP30-200
FP30-200 TRIAD-FP30-200_13 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP30-400 TRIAD-FP30-400 Datasheet
42Kb / 1P
   FP30-400
FP30-400 TRIAD-FP30-400_13 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP30-800 TRIAD-FP30-800 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
More results

Similar Description - FP30-1600

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FP20-1200 TRIAD-FP20-1200 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP10-4800 TRIAD-FP10-4800 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP34-75 TRIAD-FP34-75_13 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP40-300 TRIAD-FP40-300 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP12-3800 TRIAD-FP12-3800 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP16-1500 TRIAD-FP16-1500 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP20-300 TRIAD-FP20-300_13 Datasheet
96Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP24-100 TRIAD-FP24-100_13 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP10-600 TRIAD-FP10-600_13 Datasheet
96Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP24-2000 TRIAD-FP24-2000 Datasheet
97Kb / 1P
   Power Transformer PC Mount: Flat Pack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com