Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26407 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 26407
Description  Industrial Connectors:Rechteck-Steckverbinder GDM-Serie:Bauform AEN 175301-803
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

26407 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  26407 Datasheet HTML 1Page - List of Unclassifed Manufacturers 26407 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GDML 2016 LED 120 YE schwarz/black
Industrial Connectors:Rechteck-Steckverbinder GDM-Serie:Bauform AEN 175301-803
(DIN 43650) / ISO 4400:Leitungsdose mit Elektronikeinsatz
Hirschmann Automation and Control GmbH
Produktbeschreibung
Beschreibung
Funktionsanzeige (bipolare LED)
Typ
GDML 2016 LED 120 YE schwarz/black
Bestell-Nr.
934 423-002
weitere Standardvarianten
Gehäusefarbe transparent,
Leitungsverschraubung grau:
Bestell-Nr. 934 423-003
Polzahl
2 + PE
Leitungsverschraubung
M 16 (schwarz)
Leitungsquerschnitt
max. 1,5 mm²
Norm
DIN EN 175 301-803-A
Gehäusefarbe
transparent
Bauform
A
Schaltungsbeschreibung
Leuchtanzeige
bipolare LED gelb
Zeichnung
Technische Daten
Stiftabmessung
6,3 mm x 0,8 mm, 4,8 mm x 0,8 mm
Bemessungsspannung
AC/DC 120 V
Bemessungsstrom
8 A
Seite 1 von 2


Similar Part No. - 26407

ManufacturerPart #DatasheetDescription
logo
Bi technologies
2640 BITECH-2640 Datasheet
48Kb / 2P
   7/8 Diameter Analog Turns Counting Dial
logo
TT Electronics.
2640 TTELEC-2640 Datasheet
500Kb / 2P
   Turn Counting Dial
logo
Heyco.
2640 HEYCO-2640 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
logo
List of Unclassifed Man...
26405 ETC2-26405 Datasheet
134Kb / 2P
   Industrial Connectors:Rechteck-Steckverbinder GDM-Serie:Bauform AEN 175301-803
logo
STEGO Elektrotechnik Gm...
264057 STEGO-264057 Datasheet
568Kb / 2P
   VARIOLINE LAMP
20.07.2022
More results

Similar Description - 26407

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
26405 ETC2-26405 Datasheet
134Kb / 2P
   Industrial Connectors:Rechteck-Steckverbinder GDM-Serie:Bauform AEN 175301-803
logo
Oscilent Corporation
803-RF447.0M-A OSCILENT-803-RF447.0M-A_14 Datasheet
113Kb / 4P
   803-RF447.0M-A_14
803-RF411.25M-A OSCILENT-803-RF411.25M-A_14 Datasheet
390Kb / 3P
   803-RF411.25M-A
logo
Lumberg
ZP1 LUMBERG-ZP1 Datasheet
121Kb / 1P
   Modular-Steckverbinder
logo
Glenair, Inc.
809-092 GLENAIR-809-092 Datasheet
240Kb / 2P
   Dummy Receptacle for 803 Connectors
logo
Molex Electronics Ltd.
735912095 MOLEX-735912095 Datasheet
307Kb / 1P
   SMSJ ISOLATOR/758~803 MHZ/CW
2022/03/01
735912096 MOLEX-735912096 Datasheet
307Kb / 1P
   SMSJ ISOLATOR/758~803 MHZ/CCW
2022/03/01
735912054 MOLEX-735912054 Datasheet
456Kb / 1P
   SMSJ ISOLATOR/753~803 MHZ/CW
2022/03/01
logo
List of Unclassifed Man...
735278 ETC2-735278 Datasheet
38Kb / 1P
   AMP FASTON-Steckverbinder
logo
Tyco Electronics
1393586-6 MACOM-1393586-6 Datasheet
152Kb / 1P
   Steckverbinder, ML, kompakt Header...
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com