Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9502060500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9502060500
Description  24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9502060500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9502060500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9502060500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9502060500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
9502 Paired - Computer Cable for EIA RS-232 Applications
Max. Recommended Current
1.76 Amps per conductor @ 25°C
NOTES:
Notes
Pennsylvania Department of Environmental Resources and United States Mine
Safety and Health Administration certification. Request quotations on RG/U cables
not listed.
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
9502 060100
2 PR #24 PVC FS
PVC
100
3.7
CHROME
9502 0601000
2 PR #24 PVC FS
PVC
1000
30
CHROME
C
9502 06010000
4 #24 PVC PVC
10000
290
CHROME
C Y
9502 060500
2 PR #24 PVC FS
PVC
500
14.5
CHROME
C
9502 060U1000
2 PR #24 PVC FS
PVC
U1000
28
CHROME
9502 060U500
2 PR #24 PVC FS
PVC
U500
15
CHROME
C = CRATE REEL PUT-UP.
Y = FINAL PUT-UP LENGTH MAY VARY -10% TO +20% FROM LENGTH SHOWN. MAY CONTAIN 2 PIECES. MINIMUM
LENGTH OF ANY ONE PIECE IS 1500'.
Revision Number: 1
Revision Date: 07-19-2005
© 2006 Belden Wire & Cable Company
All Rights Reserved.
Although Belden Electronics Division ("Belden") makes every reasonable effort to ensure their accuracy at the time of this publication,
information and specifications described herein are subject to error or omission and to change without notice, and the listing of such
information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described
herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden CDT Electronics Division believes this product to be in compliance with the following environmental regulations: California
Proposition 65 Consent Judgment For Wire & Cable Mfgs.(San Francisco Superior Court Nos. 312962 And 320342); EU RoHS
(Directive 2002/95/EC, 27-Jan-2003);Material manufactured prior to the compliance date may still be in stock at Belden facilities and in our
Distributor's inventory. EU ELV (Directive 2000/53/EC, 18-Sept-2000); EU WEEE (Directive 2002/96/EC, 27-Jan-2003); And EU BFR
(Directive 2003/11/EC, 6-Feb-2003). The information provided in this Product Disclosure, and the identification of materials listed as
reportable or restricted within the Product Disclosure, is correct to the best of Belden's knowledge, information and belief at the date of its
publication. The information provided in the Product Disclosure is designed only as a general guide for the safe handling, storage, and any
other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality
specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of
legislation and regulations based on their individual usage of the product.
Belden CDT Electronics Division declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended
by directive 93/68/EEC.
Page 3 of 3


Similar Part No. - 9502060500

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
950201YFLF-T RENESAS-950201YFLF-T Datasheet
343Kb / 16P
   Programmable Timing Control HubTM for P4TM
01/25/10
More results

Similar Description - 9502060500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28423 ETC2-28423 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28396 ETC2-28396 Datasheet
32Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28431 ETC2-28431 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28452 ETC2-28452 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28458 ETC2-28458 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28426 ETC2-28426 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28461 ETC2-28461 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28451 ETC2-28451 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28454 ETC2-28454 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
1345178 ETC2-1345178 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com