Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z56 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MM3Z56
Description  Surface mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MM3Z56 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MM3Z56 Datasheet HTML 1Page - Diotec Semiconductor MM3Z56 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluß
1
MM3Z2V4 ... MM3Z100
Zener-Diodes
Surface mount Zener Diodes
Zener-Dioden für die Oberflächenmontage
Version 2004-06-22
Power dissipation – Verlustleistung
200 mW
Nominal Zener voltage
2.4 ... 100 V
Nominale Zener-Spannung
Plastic case
SOD-323
Kunststoffgehäuse
Weight approx. – Gewicht ca.
0.005 g
Dimensions / Maße in mm
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Standard Zener voltage tolerance is graded to the international E 24 (~5%) standard.
Other voltage tolerances and higher Zener voltages on request.
Die Toleranz der Zener-Spannung ist in der Standard-Ausführung gestuft nach der internationalen
Reihe E 24 (~5%). Andere Toleranzen oder höhere Arbeitsspannungen auf Anfrage.
Maximum ratings and Characteristics
Grenz- und Kennwerte
Power dissipation
T
A = 25°C
P
tot
200 mW
1)
Verlustleistung
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+175°C
Storage temperature – Lagerungstemperatur
T
S
– 50...+175°C
Thermal resistance junction to ambient air
R
thA
< 300 K/W
1)
Wärmewiderstand Sperrschicht – umgebende Luft
Zener voltages see table on next page – Zener-Spannungen siehe Tabelle auf der nächsten Seite
Type
Code
1.7
2.5
±0.2


Similar Part No. - MM3Z56

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM3Z56 SEMTECH_ELEC-MM3Z56 Datasheet
254Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Shunye Electro...
MM3Z56 SY-MM3Z56 Datasheet
645Kb / 4P
   200mW Surface Mount Zener Diode
logo
Shenzhen Jin Yu Semicon...
MM3Z56 HTSEMI-MM3Z56 Datasheet
632Kb / 4P
   Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM3Z56 JINANJINGHENG-MM3Z56 Datasheet
530Kb / 4P
   0.3W SILICON PLANAR ZENER DIODES
logo
SUNMATE electronic Co.,...
MM3Z56 SUNMATE-MM3Z56 Datasheet
1Mb / 2P
   200mW Surface Mount Zener Diodes
More results

Similar Description - MM3Z56

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com