Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGL1-100 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SGL1-100
Description  Surface Mount Schottky-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SGL1-100 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SGL1-100 Datasheet HTML 1Page - Diotec Semiconductor SGL1-100 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
2
F:\Data\WP\DatBlatt\Einzelblätter\sgl1.wpd
SGL 1-20 ... SGL 1-100
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+150
/C
Characteristics
Kennwerte
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 0.5 mA
T
j = 100
/CV
R = VRRM
I
R
< 5.0 mA
Junction capacitance
V
R = 6 V
f = 1 MHz
C
j
40 pF
Sperrschichtkapazität
Thermal resistance junction to ambient air
R
thA
< 150 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to terminal
R
thT
< 60 K/W
Wärmewiderstand Sperrschicht – Anschluß


Similar Part No. - SGL1-100

ManufacturerPart #DatasheetDescription
logo
Semikron International
SGL1-100 SEMIKRON-SGL1-100 Datasheet
138Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SGL1-100 DIOTEC-SGL1-100 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Semikron International
SGL1-100 SEMIKRON-SGL1-100 Datasheet
142Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SGL1-100 DIOTEC-SGL1-100 Datasheet
141Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - SGL1-100

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com