Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK110 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SK110
Description  Surface Mount Schottky-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK110 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SK110 Datasheet HTML 1Page - Diotec Semiconductor SK110 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) I
F = 1 A, TA = 25
/C
2) Max. temperature of the terminals T
T = 100
/C – Max. Temperatur der Anschlüsse T
T = 100
/C
162
28.02.2002
SK 12 … SK 110
Schottky-Gleichrichter
Surface Mount Schottky-Rectifiers
für die Oberflächenmontage
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
20…100 V
Periodische Spitzensperrspannung
Plastic case
~ SMA
Kunststoffgehäuse
~ DO-214AC
Weight approx. – Gewicht ca.
0.07 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
Forward voltage
Durchlaßspannung
V
F [V]
1)
SK 12
20
20
< 0.50
SK 13
30
30
< 0.50
SK 14
40
40
< 0.50
SK 15
50
50
< 0.70
SK 16
60
60
< 0.70
SK 18
80
80
< 0.85
SK 110
100
100
< 0.85
Max. average forward rectified current, R-load
T
T = 100
/CI
FAV
1 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
6 A 2)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
30 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t
4,5 A2s
Grenzlastintegral, t < 10 ms


Similar Part No. - SK110

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK110 MOSPEC-SK110 Datasheet
217Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
logo
Nanjing International G...
SK110 DGNJDZ-SK110 Datasheet
178Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SK110 SEMTECH_ELEC-SK110 Datasheet
165Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Bytesonic Electronics C...
SK110 BYTESONIC-SK110 Datasheet
535Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diotec Semiconductor
SK110 DIOTEC-SK110 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results

Similar Description - SK110

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com