Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFCM5304PCK-410 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFCM5304PCK-410
Description  INTEGRATED AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM5304PCK-410 Datasheet(HTML) 4 Page - RF Micro Devices

  RFCM5304PCK-410 Datasheet HTML 1Page - RF Micro Devices RFCM5304PCK-410 Datasheet HTML 2Page - RF Micro Devices RFCM5304PCK-410 Datasheet HTML 3Page - RF Micro Devices RFCM5304PCK-410 Datasheet HTML 4Page - RF Micro Devices RFCM5304PCK-410 Datasheet HTML 5Page - RF Micro Devices RFCM5304PCK-410 Datasheet HTML 6Page - RF Micro Devices RFCM5304PCK-410 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150319
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 7
RFCM5304
Evaluation Board Assembly Drawing
Note:
The ground plane of the RFCM5304 module should be soldered onto a board equipped with as many thermal vias as possible.
Underneath this thermal via array a heat sink with thermal grease needs to be placed which is able to dissipate the complete module DC
power. In any case the module backside temperature should not exceed 100°C.


Similar Part No. - RFCM5304PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM2680 RFMD-RFCM2680 Datasheet
427Kb / 6P
   45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
RFCM2680PCBA-410 RFMD-RFCM2680PCBA-410 Datasheet
427Kb / 6P
   45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
RFCM2680SB RFMD-RFCM2680SB Datasheet
427Kb / 6P
   45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
RFCM2680SR RFMD-RFCM2680SR Datasheet
427Kb / 6P
   45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
RFCM2680TR13 RFMD-RFCM2680TR13 Datasheet
427Kb / 6P
   45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
More results

Similar Description - RFCM5304PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFAM2790 RFMD-RFAM2790 Datasheet
426Kb / 6P
   Integrated Amplifier
logo
Roithner LaserTechnik G...
UV-TIAMO-S ROITHNER-UV-TIAMO-S Datasheet
704Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-BL ROITHNER-UV-TIAMO-BL Datasheet
753Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
   integrated transimpedance amplifier
logo
NTE Electronics
NTE1171 NTE-NTE1171 Datasheet
26Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
   Integrated Circuit Operational Amplifier
logo
National Semiconductor ...
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
   Integrated Audio Amplifier System
logo
M/A-COM Technology Solu...
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
logo
Renesas Technology Corp
ISL54003 RENESAS-ISL54003 Datasheet
719Kb / 16P
   Integrated Audio Amplifier Systems
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com