Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBL205G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DBL205G
Description  2A, 50V - 1400V Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBL205G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DBL205G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBL205G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DBL205G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DBL205G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "x" defines voltage from 50V (DBL201G) to 1400V (DBL209G)
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D1311014
Version: J15
HC1
G
AEC-Q101 qualified
Green compound
DBL207GHC1G
DBL207G
C1
G
DBL
50 / TUBE
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
EXAMPLE
DBL20xG
(Note 1)
H
DBL201G - DBL209G
Taiwan Semiconductor
PACKING CODE
ORDERING INFORMATION
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING
RATINGS AND CHARACTERISTICS CURVES
PREFERRED P/N
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
DBL201G - DBL207G
DBL208G - DBL209G


Similar Part No. - DBL205G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL205G TSC-DBL205G Datasheet
109Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
DBL205G TSC-DBL205G Datasheet
133Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DBL205G LUGUANG-DBL205G Datasheet
135Kb / 2P
   Single Phase2.0 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL205G TSC-DBL205G Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
DBL205G-T TSC-DBL205G-T Datasheet
278Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - DBL205G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS201G TSC-DBLS201G_16 Datasheet
204Kb / 4P
   2A, 50V - 1400V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
S2A TMT-S2A_16 Datasheet
372Kb / 4P
   2A, 50V - 1400V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
GBL201 TSC-GBL201_16 Datasheet
202Kb / 4P
   2A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T_16 Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
logo
Chip Integration Techno...
GBL202 CITC-GBL202 Datasheet
1Mb / 3P
   2A Glass Passivated Single-Phase Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL204G-T TSC-DBL204G-T Datasheet
278Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBL204G-T TSC-DBL204G-T_16 Datasheet
278Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com