Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBL207G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # DBL207G
Description  2A, 50V - 1400V Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBL207G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  DBL207G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBL207G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DBL207G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DBL207G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
6.20
6.50
0.244
0.256
B
7.24
8.00
0.285
0.315
C
8.12
8.51
0.320
0.335
D
2.40
2.60
0.094
0.102
E
0.89
1.14
0.035
0.045
F
0.46
0.58
0.018
0.023
G
5.00
5.20
0.197
0.205
H
1.39
1.90
0.055
0.075
I
1.27
2.03
0.050
0.080
J
3.81
4.69
0.150
0.185
K
0.22
0.33
0.009
0.013
L
7.60
8.90
0.299
0.350
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number: DS_D1311014
Version: J15
MARKING DIAGRAM
DBL201G - DBL209G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
DBL
1
10
100
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - DBL207G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL207G TSC-DBL207G Datasheet
109Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
DBL207G TSC-DBL207G Datasheet
133Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DBL207G LUGUANG-DBL207G Datasheet
135Kb / 2P
   Single Phase2.0 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL207G TSC-DBL207G Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
DBL207G-T TSC-DBL207G-T Datasheet
278Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - DBL207G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS201G TSC-DBLS201G_16 Datasheet
204Kb / 4P
   2A, 50V - 1400V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
S2A TMT-S2A_16 Datasheet
372Kb / 4P
   2A, 50V - 1400V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
GBL201 TSC-GBL201_16 Datasheet
202Kb / 4P
   2A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T_16 Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
logo
Chip Integration Techno...
GBL202 CITC-GBL202 Datasheet
1Mb / 3P
   2A Glass Passivated Single-Phase Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL204G-T TSC-DBL204G-T Datasheet
278Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBL204G-T TSC-DBL204G-T_16 Datasheet
278Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com