Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3CH480 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3CH480
Description  4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH480 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3CH480_15 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH480_15 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH480_15 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH480_15 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH480_15 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH480_15 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH480_15 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH480_15 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0019
PT0476-3
08/05/15
5
PI3CH480
4-Channel 2:1 Mux/DeMux, Enable Low
1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
Switch Positions
Test
Switch
tPLZ, tPZL
6.0V
tPHZ, tPZH
GND
Prop Delay
Open
Test Circuit for Dynamic Electrical Characteristics
Switching Waveforms
Voltage Waveforms Enable and Disable Times
Pulse Skew - tSK(p)
HP4195A
HP11667A
S1
VCC
R1
T1
50Ω
10pF
D.U.T


Similar Part No. - PI3CH480_15

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH480L PERICOM-PI3CH480L Datasheet
449Kb / 8P
   Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
PI3CH480LE PERICOM-PI3CH480LE Datasheet
449Kb / 8P
   Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
logo
Diodes Incorporated
PI3CH480LEX DIODES-PI3CH480LEX Datasheet
824Kb / 11P
   4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
November 2018
logo
Pericom Semiconductor C...
PI3CH480Q PERICOM-PI3CH480Q Datasheet
449Kb / 8P
   Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
PI3CH480QE PERICOM-PI3CH480QE Datasheet
449Kb / 8P
   Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
More results

Similar Description - PI3CH480_15

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH281 PERICOM-PI3CH281_15 Datasheet
396Kb / 7P
   2-Channel 4:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
logo
Diodes Incorporated
PI3CH480 DIODES-PI3CH480_V01 Datasheet
824Kb / 11P
   4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
November 2018
logo
Pericom Semiconductor C...
PI3CH200LEX PERICOM-PI3CH200LEX Datasheet
259Kb / 7P
   2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH200 PERICOM-PI3CH200_15 Datasheet
284Kb / 7P
   2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH400 PERICOM-PI3CH400_15 Datasheet
421Kb / 7P
   4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH1000 PERICOM-PI3CH1000_15 Datasheet
279Kb / 6P
   10-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH3305 PERICOM-PI3CH3305 Datasheet
350Kb / 8P
   2-Bit Bus Switch, Enable High 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH401 PERICOM-PI3CH401_15 Datasheet
397Kb / 6P
   4-Bit Bus Switch, Enable High 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH800 PERICOM-PI3CH800_15 Datasheet
669Kb / 8P
   8-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH1010 PERICOM-PI3CH1010 Datasheet
284Kb / 6P
   10-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com