Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBLA005 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GBLA005
Description  4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBLA005 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GBLA005_16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBLA005_16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBLA005_16 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBLA005_16 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBLA005 - GBLA10
CREAT BY ART
- Glass passivated junction
- Ideal for printed circuit board
- High case dielectric strength
- Typical IR less than 0.1μA
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I
2tA2s
CJ
pF
TJ
°C
TSTG
°C
Document Number: DS_D1408055
Version: D15
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Typical thermal resistance
RθJL
RθJA
10
47
°C/W
Operating junction temperature range
- 55 to +150
IR
5
500
μA
Typical junction capabitance
95
40
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
Rating for fusing (t<8.3ms)
59
Maximum instantaneous forward voltage (Note 1)
@ 4 A
VF
1.0
V
Maximum DC blocking voltage
Maximum average forward rectified current
@TC=50°C
@TA=40°C
IF(AV)
4
3
A
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Maximum repetitive peak reverse voltage
Maximum RMS voltage
PARAMETER
SYMBOL
GBLA
005
GBLA
01
Polarity:
As marked
GBL
Weight:
2.0 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
GBLA
10
Unit
GBLA
02
GBLA
04
GBLA
06
GBLA
08
Taiwan Semiconductor
4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
GBL
+
~
~ –


Similar Part No. - GBLA005_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GBLA005 VISHAY-GBLA005_13 Datasheet
91Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 16-Aug-13
logo
Taiwan Semiconductor Co...
GBLA005 TSC-GBLA005_14 Datasheet
214Kb / 4P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Vishay Siliconix
GBLA005 VISHAY-GBLA005_15 Datasheet
87Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 05-Aug-15
More results

Similar Description - GBLA005_16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU401 TSC-GBU401_16 Datasheet
213Kb / 4P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBL005 TSC-GBL005_16 Datasheet
211Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBP4005 SECOS-GBP4005 Datasheet
347Kb / 2P
   4A, 50V ~ 1000V Glass Passivated Bridge Rectifiers
GBL4005 SECOS-GBL4005 Datasheet
286Kb / 2P
   50V ~ 1000V, 4A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBU401 TSC-GBU401_V01 Datasheet
275Kb / 7P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifier
2019
GBU404-K TSC-GBU404-K_16 Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU404-K TSC-GBU404-K Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBL201 TSC-GBL201_16 Datasheet
202Kb / 4P
   2A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
   10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU601 TSC-GBU601_16 Datasheet
209Kb / 4P
   6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com