Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU601 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GBU601
Description  6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU601 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GBU601 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU601 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBU601 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBU601 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Ideal for printed circuit board
- High case dielectric strength of 1500 VRMS
- High surge current capability
- Typical IR less than 0.1μA
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21
Case:
GBU
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Polarity:
As marked
Weight:
4 g (approximately)
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
I
2tA2s
CJ
pF
TJ
°C
TSTG
°C
Document Number: DS_D1410053
Version: K15
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
GBU
MECHANICAL DATA
GBU601 - GBU607
Taiwan Semiconductor
6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
GBU
601
GBU
602
GBU
603
GBU
604
GBU
605
GBU
606
IFSM
175
A
GBU
607
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
6
Rating of fusing ( t<8.3ms)
127
Maximum Instantaneous Forward Voltage (Note 1)
IF= 3 A
IF= 6 A
VF
1.0
1.1
V
Operating junction temperature range
- 55 to +150
IR
5
μA
500
Typical junction capacitance per leg (Note 2)
211
94
Mounting torque:
0.56 Nm (5 in-lbs) max.
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Measured at 1MHz and applied Reverse bias of 4.0V DC
Peak forward surge current,
8.3 ms single half sine-wave
Typical thermal resistance
RθJC
RθJA
2
21
°C/W


Similar Part No. - GBU601

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
GBU601 JUXING-GBU601 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBU601 DIODES-GBU601 Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. D-2
logo
SeCoS Halbleitertechnol...
GBU601 SECOS-GBU601 Datasheet
963Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivited Bridge Rectifiers
logo
Chongqing Pingwei Enter...
GBU601 CHONGQING-GBU601 Datasheet
205Kb / 2P
   SINGLE PHASE6.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBU601 BYTESONIC-GBU601 Datasheet
525Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - GBU601

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
D6JB05 SECOS-D6JB05 Datasheet
394Kb / 2P
   50V ~ 1000V, 6A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_16 Datasheet
194Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
GBU604-K TSC-GBU604-K_16 Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU604-K TSC-GBU604-K Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBLA005 TSC-GBLA005_16 Datasheet
207Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU401 TSC-GBU401_16 Datasheet
213Kb / 4P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBL005 TSC-GBL005_16 Datasheet
211Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBL201 TSC-GBL201_16 Datasheet
202Kb / 4P
   2A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
   10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com