Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3VDP3212ZLE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3VDP3212ZLE
Description  2-Lane DisplayPort Rev 1.2 Compliant Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP3212ZLE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3VDP3212ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP3212ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PI3VDP3212
2-Lane DisplayPort™ Rev 1.2 Compliant Switch
11/11/13
Dynamic Electrical Characteristics over Operating Range (TA = -40º to +85ºC, VDD = 3.3V ±10%)
Parameter Description
Test Conditions
Typ.
Max Units
XTALK
Crosstalk on High Speed Channels
See Fig. 1 for Measurement
Setup
f= 2.7 GHz
-25dB
dB
f = 1.35 GHz
-32dB
OIRR
OFF Isolation on High Speed Channels
See Fig. 2 for Measurement
Setup,
f= 2.7 GHz
-22dB
f = 1.35 GHz
-30dB
ILOSS
Differential Insertion Loss on High Speed
Channels
@5.4Gbps (see figure 3)
-1.7
dB
Rloss
Differential Return Loss on high speed
channels
@ 2.7GHz
-16
dB
BW_Dx±
Bandwidth -3dB for Main high speed
path (Dx±)
See figure 3
4.7
GHz
BW_AUX/
HPD
-3dB BW for AUX and HPD signals
See figure 3
1.5
GHz
Tsw a-b
time it takes to switch from port A to port
B
1
us
Tsw b-a
time it takes to switch from port B to port
A
1
us
Tstartup
Vdd valid to channel enable
10
us
Twakeup
Enabling output by changing OE from
low to High
10
us
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
Switching Characteristics (TA= -40º to +85ºC, VDD = 3.3V±10%)
Parameter
Description
Min.
Typ.
Max.
Units
Tpd
Propagation delay (input pin to output pin)
80
ps
tb-b
Bit-to-bit skew within the same differential pair
5
ps
tch-ch
Channel-to-channel skew
50
ps
13-0166


Similar Part No. - PI3VDP3212ZLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 20P
   HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
More results

Similar Description - PI3VDP3212ZLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
   4-Lane DisplayPort Rev 1.2 Compliant Switch
logo
Diodes Incorporated
PI3VDP12412 DIODES-PI3VDP12412 Datasheet
926Kb / 12P
   4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
logo
Pericom Semiconductor C...
PI3VDP612-A PERICOM-PI3VDP612-A_11 Datasheet
1Mb / 16P
   4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
PI3VDP612-A PERICOM-PI3VDP612-A Datasheet
91Kb / 2P
   4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
logo
Texas Instruments
HD3SS212 TI1-HD3SS212 Datasheet
262Kb / 12P
[Old version datasheet]   5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS212 TI-HD3SS212_V01 Datasheet
1Mb / 26P
[Old version datasheet]   HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
logo
Pericom Semiconductor C...
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP_10 Datasheet
246Kb / 7P
   DisplayPort Lane Extender
logo
Renesas Technology Corp
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com