Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU1002 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # GBU1002
Description  10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU1002 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  GBU1002 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU1002 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBU1002 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBU1002 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CREAT BY ART
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_D1409018
Version: J15
GBU1001 - GBU1007
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Similar Part No. - GBU1002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU1002 DIODES-GBU1002 Datasheet
53Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
logo
HY ELECTRONIC CORP.
GBU1002 HY-GBU1002 Datasheet
476Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
GBU1002 LUGUANG-GBU1002 Datasheet
198Kb / 2P
   Single Phase10.0AMP.Glass Passivated Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
GBU1002 YFWDIODE-GBU1002 Datasheet
608Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
GBU1002 TSC-GBU1002 Datasheet
49Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - GBU1002

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
D10JB05 SECOS-D10JB05 Datasheet
182Kb / 2P
   50V ~ 1000V, 10A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBLA005 TSC-GBLA005_16 Datasheet
207Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU401 TSC-GBU401_16 Datasheet
213Kb / 4P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS10KL60 TSC-TS10KL60_16 Datasheet
188Kb / 4P
   10A, 600V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBL005 TSC-GBL005_16 Datasheet
211Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBL201 TSC-GBL201_16 Datasheet
202Kb / 4P
   2A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU601 TSC-GBU601_16 Datasheet
209Kb / 4P
   6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU801 TSC-GBU801_16 Datasheet
213Kb / 4P
   8A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
logo
Taiwan Memory Technolog...
GP1001 TMT-GP1001_16 Datasheet
202Kb / 4P
   10A, 50V - 1000V Glass Passivated Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com