Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR12612NEEX Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3WVR12612NEEX
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR12612NEEX Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3WVR12612NEEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
PI3WVR12612
HDMI 2.0, DisplayPort 1.2 Video Switch
www.pericom.com
12/03/15
All trademarks are property of their respective owners.
Storage Temperature ..........................................................–65°C to +150°C
Supply Voltage to Ground Potential ....................................–0.5V to +4.2V
DC Input Voltage ......................................................................–0.5V to VDD
High Speed Data Channel....................................................... –0.5V to 3.8V
HPD_x, SDA_x, SCL_x ............................................................ -0.5V to 5.5V
DC Output Current .............................................................................120mA
Power Dissipation ................................................................................... 0.5W
Note: Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other conditions above
those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating co
ndi-
tions for extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics for Switching over Operating Range (T
A = –40°C to +105°C, VDD =
3.3V ±10%)
Parameter Description
Test Conditions(1)
Min
Typ(2)
Max
Units
VIH
Input HIGH Voltage (OE, GPU_SEL)
Guaranteed HIGH level
1.5
V
VIL
Input LOW Voltage (OE, GPU_SEL)
Guaranteed LOW level
0.75
VIH
Input HIGH Voltage (DDC_AUX_SEL)
Guaranteed HIGH level
2.65
VDD
VIM
Input Mid-Level Voltage (DDC_AUX_
SEL)
Guaranteed MID level
VDD/2-
300mV VDD/2
VDD/2+
300mV
VIL
Input LOW Voltage (DDC_AUX_SEL)
Guaranteed LOW level
-0.5
0.6
VIK
Clamp Diode Voltage (HS Channel)
VDD = Max., IIN = –18mA
–1.6V
–1.8
VIK
Clamp Diode Voltage (Aux, Cntrl )
VDD = Max., IIN = –18mA
–0.7
–1.5
IIH
Input HIGH Current (All Control Pins)
VDD = Max., VIN = VDD
±5
µA
IIL
Input LOW Current (All Control Pins)
VDD = Max., VIN = GND
±5
IOFF_SB
I/O leakage when part is off for sideband
signals only (DDC, AUX, HPD)
VDD = 0V, VINPUT = 0V to
3.6V
20
RON_HS
On resistance between input to output for
high speed signals
VINPUT,cm = 0V to 3.4V,
VINPUT,diff < 1.2Vp-p,diff,
VDD = 3.0V, IINPUT = 20mA
11
Ohm
RON_AUX
On resistance between input to output for
side-band signals (AUX)
VDD = 3.0V, Vinput = 0 to 3.3V,
IINPUT = 20mA
7
Ohm
RON_DDC
On resistance between input to output for
DDC channel
VDD = 3.0V, Vinput = 0V,
IINPUT = 20mA
12
Ohm
RON_HPD
On resistance between input to output for
HPD channel
VDD = 3.0V, Vinput = 0 to 3.0V,
IINPUT = 20mA
7
Ohm
VAUX_SS
Signal Swing Tolerance in Aux path
VDD = 3.0V
–0.5
5.5
V
VHPD_I
Input voltage on HPD path
5.5
V
VHPD_O
Output voltage tolerance on HPD path
HPD input from 3.3V to 5.25V
3.3
3.6
V
VSDA_X
Input Voltage on SDA path
5
V
VPASS
(SDA_X)
Switch output voltage tolerance input
Vin = 5.25V, Ii = 100uA, VDD
= 3.3V
1.8
2.2
2.5
V
VSCL_X
Input Voltage on SCL path
5
V
VPASS
(SCL_X)
Switch output voltage tolerance input
Vin = 5.25V, Ii = 100uA, VDD
= 3.3V
1.8
2.2
2.5
V
15-0175


Similar Part No. - PI3WVR12612NEEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
   HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Pericom Semiconductor C...
PI3WVR12412ZHE PERICOM-PI3WVR12412ZHE Datasheet
1Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412ZHEX DIODES-PI3WVR12412ZHEX Datasheet
1Mb / 14P
   HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
More results

Similar Description - PI3WVR12612NEEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
   HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
PI3WVR13612 DIODES-PI3WVR13612 Datasheet
554Kb / 1P
   DisplayPort 1.3/1.4, HDMI 2.0 Video Switch
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
   DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P137-06N-H2V2 TRIPPLITE-P137-06N-H2V2 Datasheet
165Kb / 3P
   Keyspan Mini DisplayPort 1.2 to HDMI 2.0 Active Adapter/Video Converter (M/F), Thunderbolt 1 & 2 Compatible, 4K x 2K @ 60Hz, HDMI 2.0, HDCP 2.2, 6 in.
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
   Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
logo
Pericom Semiconductor C...
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 12P
   2-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
   4-Lane DisplayPort Rev 1.2 Compliant Switch
logo
Tripp Lite. All Rights ...
P136-06N-UHD-V2 TRIPPLITE-P136-06N-UHD-V2 Datasheet
492Kb / 2P
   DisplayPort 1.2 to HDMI Active Converter, DisplayPort to HDMI (M/F), UHD 4K x 2K/1080p, 6 in.
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
   DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com