Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C33X257B Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5C33X257B
Description  12-Channel, 2:1 Mux/DeMux Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C33X257B Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5C33X257B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C33X257B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C33X257B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C33X257B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C33X257B Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PI5C33X257
12 Channel, 2:1 Mux/DeMux Bus Switch
5
PS8114C
11/03/06
Pericom Semiconductor Corporation • 1-800-435-2336 • http://www.pericom.com
Notes:
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
E = Pb-free & Green
• Adding X suffix = Tape/Reel
.014
.0157 BSC
0.40
0.356
.008 0.20
.002
.009
0.05
0.25
.079
2.0
.010 0.25
Gauge Plane
.150
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.80
4.00
.228
.244
5.80
6.20
.020
.029
0.50
0.75
.063 1.60
.015 0.381
.386
.394
9.80
10.00
.0051
.009
0.13
0.23
1
48
x 45˚
BSC
Nom
Max
Nom
REF
Packaging Mechanical: 48-pin BQSOP (B)
Ordering Information
Ordering Code
Packaging Code
Package Type
PI5C33X257B
B
48-pin, 150 mil wide plastic BQSOP
PI5C33X257BE
B
Pb-free & Green, 48-pin, 150 mil wide plastic BQSOP
06-0237


Similar Part No. - PI5C33X257B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257 Datasheet
92Kb / 3P
   24:12 MUX/DEMUX BusSwitch
More results

Similar Description - PI5C33X257B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com