Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C33X257B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C33X257B
Description  12-Channel, 2:1 Mux/DeMux Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C33X257B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C33X257B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C33X257B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C33X257B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C33X257B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C33X257B Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI5C33X257
12 Channel, 2:1 Mux/DeMux Bus Switch
2
PS8114C
11/03/06
Storage Temperature ............................................................–65°C to +150°C
Ambient Temperature with Power Applied ...........................–40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .....–0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ..–0.5V to +7.0V
DC Input Voltage ....................................................................–0.5V to +7.0V
DC Output Current.............................................................................. 120 mA
Power Dissipation ................................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(5)
Description
Test Conditions
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
pF
COFF
In/Yn Capacitance, Switch Off
VIN = 0V
6
pF
CON
In/Yn Capacitance, Switch On
VIN = 0V
14
pF
Product Pin Description
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Pin Name
Description
IAn-ILn
Data Inputs
S
Select Inputs
En
Enable
YA-YL
Data Outputs
GND
Ground
Vcc
Power
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between I and Y pin at indicated current through the switch. ON resistance is determined by the lower of the volt-
ages on the two (I,Y) pins.
Notes:
5. This parameter is determined by device characterization but is not production tested.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±5%)
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
Μ
A
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
Μ
A
IOZH
High Impedance Output Current
0 ≤ I, Y ≤ VCC
±1
Μ
A
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IOS
Short Circuit Current(3)
I (Y) = 0V, Y (I) = VCC
100
mA
VH
Input Hysteresis at Control Pins
150
mV
RON
Switch On Resistance(4)
VCC = Min., VIN = 0.0V, ION = 48 mA
5
7
ohm
VCC = Min., VIN = 2.4V, ION = 15 mA
10
15
06-0237


Similar Part No. - PI5C33X257B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257 Datasheet
92Kb / 3P
   24:12 MUX/DEMUX BusSwitch
More results

Similar Description - PI5C33X257B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com