Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C33X257BE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C33X257BE
Description  12-Channel, 2:1 Mux/DeMux Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C33X257BE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C33X257BE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C33X257BE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C33X257BE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C33X257BE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C33X257BE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI5C33X257
12 Channel, 2:1 Mux/DeMux Bus Switch
3
PS8114C
11/03/06
Power Supply Characteristics
Parameters Description
Test Conditions(1)
Min.
Typ(2) Max.
Units
ICC
Quiescent Power
VCC = Max.
VIN = GND or VCC
0.1
3.0
µA
Supply Current
ΔICC
Supply Current per
VCC = Max.
VIN = 3.4V(3)
2.5
mA
Input @ TTL HIGH
ICCD
Supply Current per
VCC = Max.,
0.25
mA/
Input per MHz(4)
I and Y Pins Open
MHz
BE = GND
Control Input Toggling
50% Duty Cycle
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); I and Y pins do not contribute to Icc.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency. The I and Y inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is
guaranteed by design.
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the
ON resistance of the switch and the load capacitance. The time constant for the
switch alone is of the order of 0.25ns for 50pF load. Since this time constant is
much smaller than the rise/fall times of typical driving signals, it adds very little
propagational delay to the system. Propagational delay of the bus switch when used
in a system is determined by the driving circuit on the driving side of the switch and
its interaction with the load on the driven side.
Switching Characteristics over Operating Range
PI5C33X257
Com.
Parameters Description
Conditions(1)
Min.
Max.
Unit
tIY
Propagation Delay(2,3)
CL = 50 pF
0.25
ns
In to Yn
RL = 500-ohm
tSY
Bus Select Time
0.5
5.2
ns
Sn to Yn
tPZH
Bus Disable Time
0.5
4.8
ns
tPZL
E to Yn
tPHZ
Bus Disable Time
0.5
5.0
ns
tPLZ
E to Yn
06-0237


Similar Part No. - PI5C33X257BE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257 Datasheet
92Kb / 3P
   24:12 MUX/DEMUX BusSwitch
More results

Similar Description - PI5C33X257BE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com