Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3020CT Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MBR3020CT
Description  SCHOTTKY BARRIER RECIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MBR3020CT Datasheet(HTML) 2 Page - Nanjing International Group Co

  MBR3020CT Datasheet HTML 1Page - Nanjing International Group Co MBR3020CT Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR3060CT-MBR30200CT
MB
MB
MBR3020CT-MBR3045CT
MBR3020CT-MBR3045CT
MBR3060CT-MBR30200CT
MBR3020CT-MBR3045CT
MBR3060CT-MBR30200CT


Similar Part No. - MBR3020CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR3020CT PANJIT-MBR3020CT Datasheet
50Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
MBR3020CT CTC-MBR3020CT Datasheet
72Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Kersemi Electronic Co.,...
MBR3020CT KERSEMI-MBR3020CT Datasheet
765Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
MBR3020CT KERSEMI-MBR3020CT Datasheet
767Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Digitron Semiconductors
MBR3020CT DIGITRON-MBR3020CT Datasheet
296Kb / 3P
   30A SCHOTTKY RECTIFIER
More results

Similar Description - MBR3020CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR6045WT IRF-MBR6045WT Datasheet
56Kb / 2P
   SCHOTTKY RECIFIER
logo
SeCoS Halbleitertechnol...
SBL30U100 SECOS-SBL30U100 Datasheet
152Kb / 2P
   Voltage 100v 30.0 Amp Low VF Trench MOS Barrier Schottky Recifier
SBL30U150F SECOS-SBL30U150F Datasheet
160Kb / 2P
   Voltage 150V 30.0 Amp Low VF Trench MOS Barrier Schottky Recifier
SBL20U120F SECOS-SBL20U120F Datasheet
163Kb / 2P
   Voltage 102V 20.0 Amp Low VF Trench MOS Barrier Schottky Recifier
logo
Transys Electronics
TRB65 TRSYS-TRB65 Datasheet
303Kb / 6P
   RECIFIER DIODE
logo
Dynex Semiconductor
DNB65 DYNEX-DNB65 Datasheet
128Kb / 7P
   Recifier Diode
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
logo
Microsemi Corporation
SBR12040R MICROSEMI-SBR12040R Datasheet
135Kb / 2P
   120 Amp Schotky Recifier
logo
Jinan Jingheng (Group) ...
GF10A JINANJINGHENG-GF10A Datasheet
85Kb / 2P
   Surface Mount Glass Passivated Recifier
S1A JINANJINGHENG-S1A Datasheet
64Kb / 2P
   Surface Mount Glass Passivated Recifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com