Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z33 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MM3Z33
Description  Silicon Planar Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MM3Z33 Datasheet(HTML) 2 Page - Nanjing International Group Co

  MM3Z33 Datasheet HTML 1Page - Nanjing International Group Co MM3Z33 Datasheet HTML 2Page - Nanjing International Group Co MM3Z33 Datasheet HTML 3Page - Nanjing International Group Co MM3Z33 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MM3Z2V0~MM3Z75
Characteristics at Ta = 25 OC
Type
Marking
Code
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage Current
Vznom
lZT
for
VZT
ZZT (Max.)
at IZT
IR (Max.)
at VR
V
mA
V
mA
μA
V
MM3Z2V0
B0
2.0
5
1.8...2.15
100
5
120
0.5
MM3Z2V2
C0
2.2
5
2.08...2.33
100
5
120
0.7
MM3Z2V4
1C
2.4
5
2.28...2.56
100
5
120
1
MM3Z2V7
1D
2.7
5
2.5...2.9
110
5
120
1
MM3Z3V0
1E
3.0
5
2.8...3.2
120
5
50
1
MM3Z3V3
1F
3.3
5
3.1...3.5
130
5
20
1
MM3Z3V6
1H
3.6
5
3.4...3.8
130
5
10
1
MM3Z3V9
1J
3.9
5
3.7...4.1
130
5
5
1
MM3Z4V3
1K
4.3
5
4...4.6
130
5
5
1
MM3Z4V7
1M
4.7
5
4.4...5
130
5
2
1
MM3Z5V1
1N
5.1
5
4.8...5.4
130
5
2
1.5
MM3Z5V6
1P
5.6
5
5.2...6
80
5
1
2.5
MM3Z6V2
1R
6.2
5
5.8...6.6
50
5
1
3
MM3Z6V8
1X
6.8
5
6.4...7.2
30
5
0.5
3.5
MM3Z7V5
1Y
7.5
5
7...7.9
30
5
0.5
4
MM3Z8V2
1Z
8.2
5
7.7...8.7
30
5
0.5
5
MM3Z9V1
2A
9.1
5
8.5...9.6
30
5
0.5
6
MM3Z10
2B
10
5
9.4...10.6
30
5
0.1
7
MM3Z11
2C
11
5
10.4...11.6
30
5
0.1
8
MM3Z12
2D
12
5
11.4...12.7
35
5
0.1
9
MM3Z13
2E
13
5
12.4...14.1
35
5
0.1
10
MM3Z15
2F
15
5
13.8...15.6
40
5
0.1
11
MM3Z16
2H
16
5
15.3...17.1
40
5
0.1
12
MM3Z18
2J
18
5
16.8...19.1
45
5
0.1
13
MM3Z20
2K
20
5
18.8...21.2
50
5
0.1
15
MM3Z22
2M
22
5
20.8...23.3
55
5
0.1
17
MM3Z24
2N
24
5
22.8...25.6
60
5
0.1
19
MM3Z27
2P
27
5
25.1...28.9
70
2
0.1
21
MM3Z30
2R
30
5
28...32
80
2
0.1
23
MM3Z33
2X
33
5
31...35
80
2
0.1
25
MM3Z36
2Y
36
5
34...38
90
2
0.1
27
MM3Z39
2Z
39
2.5
37...41
100
2
2
30
MM3Z43
3A
43
2.5
40...46
130
2
2
33
MM3Z47
3B
47
2.5
44...50
150
2
2
36
MM3Z51
3C
51
2.5
48...54
180
2
1
39
MM3Z56
3D
56
2.5
52...60
180
2
1
43
MM3Z62
3E
62
2.5
58...66
200
2
0.2
47
MM3Z68
3F
68
2.5
64...72
250
2
0.2
52
MM3Z75
3H
75
2.5
70...79
300
2
0.2
57
1) V
Z is tested with pulses (20 ms).


Similar Part No. - MM3Z33

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z33 DIOTEC-MM3Z33 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
logo
Shenzhen Luguang Electr...
MM3Z33 LUGUANG-MM3Z33 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
logo
SEMTECH ELECTRONICS LTD...
MM3Z33 SEMTECH_ELEC-MM3Z33 Datasheet
254Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Shunye Electro...
MM3Z33 SY-MM3Z33 Datasheet
645Kb / 4P
   200mW Surface Mount Zener Diode
logo
Shenzhen Jin Yu Semicon...
MM3Z33 HTSEMI-MM3Z33 Datasheet
632Kb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - MM3Z33

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com