Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5551 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # MMBT5551
Description  SOT-23 Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MMBT5551 Datasheet(HTML) 1 Page - Nanjing International Group Co

  MMBT5551 Datasheet HTML 1Page - Nanjing International Group Co MMBT5551 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-23 Plastic-Encapsulate Transistors
MMBT5551
TRANSISTOR (NPN)
FEATURES
Complementary to MMBT5401
Ideal for Medium Power Amplification and Switching
MARKING: G1
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
180
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
600
mA
PC
Collector Power Dissipation
300
mW
R JA
Thermal Resistance From Junction To Ambient
416
/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55
+150
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA, IE=0
180
V
Collector-emitter breakdown voltage
V(BR)CEO
*
IC=1mA, IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=120V, IE=0
50
nA
Emitter cut-off current
IEBO
VEB=4V, IC=0
50
nA
hFE(1)
*
VCE=5V, IC=1mA
80
hFE(2)
*
VCE=5V, IC=10mA
100
300
DC current gain
hFE(3)
*
VCE=5V, IC=50mA
50
VCE(sat)1
*
IC=10mA, IB=1mA
0.15
V
Collector-emitter saturation voltage
VCE(sat)2
*
IC=50mA, IB=5mA
0.2
V
VBE(sat)1
*
IC=10mA, IB=1mA
1
V
Base-emitter saturation voltage
VBE(sat)2
*
IC=50mA, IB=5mA
1
V
Transition frequency
fT
VCE=10V,IC=10mA, f=100MHz
100
300
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
6
pF
*Pulse test: pulse width 300 s, duty cycle 2.0%.
CLASSIFICATION OF hFE (2)
RANK
L
H
RANGE
100-200
200-300
SOT
23
1. BASE
2. EMITTER
3. COLLECTOR
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - MMBT5551

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT5551 DIOTEC-MMBT5551 Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Transys Electronics
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
SHIKUES Electronics
MMBT5551 SKTECHNOLGY-MMBT5551 Datasheet
1Mb / 4P
   NPN Silicon
logo
SEMTECH ELECTRONICS LTD...
MMBT5551 SEMTECH_ELEC-MMBT5551 Datasheet
194Kb / 2P
   NPN Silicon Epitaxial Planar Transistors
logo
Guilin Strong Micro-Ele...
MMBT5551 GSME-MMBT5551 Datasheet
376Kb / 3P
   NPN High Voltage Transistor
More results

Similar Description - MMBT5551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com