Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMC6.8 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZMC6.8
Description  Surface mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMC6.8 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZMC6.8 Datasheet HTML 1Page - Diotec Semiconductor ZMC6.8 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Notes see previous page – Fußnoten siehe vorhergehende Seite
2
Zener-Diodes
ZMC1 … ZMC100
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage
1)
Zener-Spanng.
1)
I
Z = 5 mA
V
zmin [V] Vzmax
Dynamic resistance
Inhär. diff. Widerstand
r
zj [Ω] at f = 1 kHz
I
Z = 5 mA
I
Z = 1 mA
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
α
VZ10
-4 [°C]
Reverse volt.
Sperrspanng.
I
R = 100 nA
V
R [V]
Z-current
2)
Z-Strom
2)
T
A = 25°C
I
Zmax [mA]
ZMC1
3)
0,71
0,82
<8
<50
-26…-23
400
ZMC2.4
2,28
2,56
<85
< 600
-9...-6
1 (50µA)
180
ZMC2.7
2,5
2,9
<85
< 600
-9...-6
1 (10µA)
159
ZMC3.0
2,8
3,2
<85
< 600
-8...-5
1 (4µA)
144
ZMC3.3
3,1
3,5
<85
< 600
-8...-5
1 (2µA)
131
ZMC3.6
3,4
3,8
<85
< 600
-8...-5
1 (2µA)
121
ZMC3.9
3,7
4,1
<85
< 600
-8…-5
1 (2µA)
112
ZMC4.3
4,0
4,6
<75
< 600
-6…-3
1 (1µA)
100
ZMC4.7
4,4
5,0
<60
< 600
-5…+2
1 (0,5µA)
92
ZMC5.1
4,8
5,4
<35
< 550
-2…+2
1
85
ZMC5.6
5,2
6,0
<25
< 450
-5…+5
1
77
ZMC6.2
5,8
6,6
<10
< 200
+3…+6
2
70
ZMC6.8
6,4
7,2
<8
< 150
+3…+7
3
64
ZMC7.5
7,0
7,9
<7
< 50
+3…+7
5
58
ZMC8.2
7,7
8,7
<7
< 50
+3…+8
6
53
ZMC9.1
8,5
9,6
<10
< 50
+3…+9
6
48
ZMC10
9,4
10,6
<15
< 70
+3…+10
7
43
ZMC11
10,4
11,6
<20
< 70
+3…+11
8
40
ZMC12
11,4
12,7
<20
< 90
+3…+11
9
36
ZMC13
12,4
14,1
<26
< 110
+3…+11
9
33
ZMC15
13,8
15,6
<30
< 110
+3…+11
10
29
ZMC16
15,3
17,1
<40
< 170
+3…+11
11
27
ZMC18
16,8
19,1
<50
< 170
+3…+11
13
24
ZMC20
18,8
21,2
<55
< 220
+3…+11
14
22
ZMC22
20,8
23,3
<55
< 220
+4…+12
16
20
ZMC24
22,8
25,6
<80
< 220
+4…+12
17
18
ZMC27
25,1
28,9
<80
< 220
+4…+12
19
16
ZMC30
28
32
<80
< 220
+4…+12
21
14
ZMC33
31
35
<80
< 220
+4…+12
23
13
ZMC36
34
38
<80
< 220
+4…+12
26
12
ZMC39
37
41
<90
< 500
+4…+12
28
11
ZMC43
40
46
<90
< 500
+4…+12
30
10
ZMC47
44
50
<110
< 600
+4…+12
33
9
ZMC51
48
54
<125
< 700
+4…+12
36
9
ZMC56
52
60
<135
< 700
+4…+12
39
8
ZMC62
58
66
<150
< 1000
+4…+12
44
7
ZMC68
64
72
<200
< 1000
+4…+12
48
6
ZMC75
70
79
<250
< 1000
+4…+12
53
6
ZMC82
77
88
<300
< 1500
+5…+12
58
5
ZMC91
85
96
<450
< 2000
+5…+12
64
5
ZMC100
94
106
<450
< 5000
+5…+12
71
4


Similar Part No. - ZMC6.8

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMC6.8 DIOTEC-ZMC6.8 Datasheet
93Kb / 2P
   Surface mount Silicon Planar Zener Diodes
ZMC6.8 DIOTEC-ZMC6.8 Datasheet
91Kb / 2P
   Surface mount Silicon Planar Zener Diodes
ZMC6.8 DIOTEC-ZMC6.8 Datasheet
91Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZMC6.8UDZB SEMTECH_ELEC-ZMC6.8UDZB Datasheet
416Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
18/07/2009
More results

Similar Description - ZMC6.8

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com