Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA-3318Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # CGA-3318Z
Description  DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGA-3318Z Datasheet(HTML) 6 Page - RF Micro Devices

Back Button CGA-3318Z_12 Datasheet HTML 2Page - RF Micro Devices CGA-3318Z_12 Datasheet HTML 3Page - RF Micro Devices CGA-3318Z_12 Datasheet HTML 4Page - RF Micro Devices CGA-3318Z_12 Datasheet HTML 5Page - RF Micro Devices CGA-3318Z_12 Datasheet HTML 6Page - RF Micro Devices CGA-3318Z_12 Datasheet HTML 7Page - RF Micro Devices CGA-3318Z_12 Datasheet HTML 8Page - RF Micro Devices CGA-3318Z_12 Datasheet HTML 9Page - RF Micro Devices CGA-3318Z_12 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
DS120502
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGA-3318Z
50MHz to 870MHz Application Circuit Schematic
50MHz to 870MHz Evaluation Board Layout
CGA-3318
SOIC-08
1000 pF
0.01 P
F 1000pF
68pF
Vs
RBIAS
Amp 1
1000 pF
1000 pF
1000 pF
220 nH
Macom
ETC1-1-13
Macom
ETC1-1-13
1 P
F Tant.
1 P
F Tant.
0.01 P
F
1000pF
68pF
220 nH
Vs
RBIAS
Amp 2
1
4
8
5
6,7
2,3
ECB-101611 Rev A
ESOP-8
Push-Pull
Eval Board
RF OUTPUT
RF INPUT
.01uF
1000pF
68pF
220nH
220nH
68pF
1000pF
.01uF
1000pF
1000pF
1000pF
1000pF
Balun ETC1-1-13
Balun ETC1-1-13
Rbias
Rbias
1uF Tant.
1uF Tant.


Similar Part No. - CGA-3318Z_12

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
CGA-3318Z SIRENZA-CGA-3318Z Datasheet
236Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z Datasheet
297Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
More results

Similar Description - CGA-3318Z_12

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
CGA-3318 SIRENZA-CGA-3318 Datasheet
236Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z Datasheet
297Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
logo
Stanford Microdevices
CGA-3318 STANFORD-CGA-3318 Datasheet
355Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
CGA-6618 STANFORD-CGA-6618 Datasheet
323Kb / 5P
   DUAL CATV BROADBAND HIGH LINEARITY GAAS HBT AMPLIFIER
logo
RF Micro Devices
CGA-6618 RFMD-CGA-6618 Datasheet
427Kb / 10P
   DUAL CATV 1MHz to 1000MHz HIGH LINEARITY GaAs HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
CGA-6618 SIRENZA-CGA-6618 Datasheet
297Kb / 8P
   Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
Freescale Semiconductor...
MMG3H21NT1 FREESCALE-MMG3H21NT1 Datasheet
287Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
322Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com