Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA4363ASQ Datasheet(PDF) 6 Page - RF Micro Devices

Part # QPA4363ASQ
Description  CASCADABLE SiGe HBT MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPA4363ASQ Datasheet(HTML) 6 Page - RF Micro Devices

  QPA4363ASQ Datasheet HTML 1Page - RF Micro Devices QPA4363ASQ Datasheet HTML 2Page - RF Micro Devices QPA4363ASQ Datasheet HTML 3Page - RF Micro Devices QPA4363ASQ Datasheet HTML 4Page - RF Micro Devices QPA4363ASQ Datasheet HTML 5Page - RF Micro Devices QPA4363ASQ Datasheet HTML 6Page - RF Micro Devices QPA4363ASQ Datasheet HTML 7Page - RF Micro Devices QPA4363ASQ Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Revision DS20160211
- 6 of 8 -
Disclaimer: Subject to change without notice
© 2016 Qorvo, Inc.
www.rfmd.com / www.qorvo.com
QPA4363A
RFMD + TriQuint = Qorvo
Preliminary
Component Values For Specific Frequency and Voltage in Application Circuit
Reference
Designator
Frequency (MHz)
500
850
1950
2400
3500
C4, C5
220pF
100pF
68pF
56pF
39pF
C3
100pF
68pF
22pF
22pF
15pF
L1
68nH
33nH
22nH
18nH
15nH
Required Bias Resistance for ID = 45mA
Bias Resistance = RBIAS + RLDC = ( VS -VD ) / ID
Supply Voltage (VS)
+6 V
+8 V
+10 V
+12 V
Bias Resistance (R1 = RBias)
62
110
150
200
*Note: Bias resistor improves current stability over temperature
Pin Configuration and Description
Pin
Label
Description
3
RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor as shown in
the application schematic.
1, 2, 4, 5
GND
Connect to ground per application circuit drawing. For best performance, vias should be
used as shown in the recommended pad layout.
6
RF OUT/BIAS
RF output and bias pin. Bias will be supplied to this pin through an external RF choke. A DC
blocking capacitor is necessary on the RF output as shown in the application circuit.


Similar Part No. - QPA4363ASQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA4363ASQ QORVO-QPA4363ASQ Datasheet
883Kb / 7P
   DC ??4000 MHz Cascadable SiGe HBT Amplifier
More results

Similar Description - QPA4363ASQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA7489A RFMD-QPA7489A Datasheet
639Kb / 9P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4463A RFMD-QPA4463A Datasheet
771Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4263A RFMD-QPA4263A Datasheet
765Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SGA-2163 ETC-SGA-2163 Datasheet
393Kb / 5P
   DC-5000MHZ, CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-2263 STANFORD-SGA-2263 Datasheet
390Kb / 5P
   DC-5000MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4563 SIRENZA-SGA-4563 Datasheet
257Kb / 5P
   DC-2500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4586 SIRENZA-SGA-4586 Datasheet
88Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com