Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA4463ASQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # QPA4463ASQ
Description  CASCADABLE SiGe HBT MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPA4463ASQ Datasheet(HTML) 2 Page - RF Micro Devices

  QPA4463ASQ Datasheet HTML 1Page - RF Micro Devices QPA4463ASQ Datasheet HTML 2Page - RF Micro Devices QPA4463ASQ Datasheet HTML 3Page - RF Micro Devices QPA4463ASQ Datasheet HTML 4Page - RF Micro Devices QPA4463ASQ Datasheet HTML 5Page - RF Micro Devices QPA4463ASQ Datasheet HTML 6Page - RF Micro Devices QPA4463ASQ Datasheet HTML 7Page - RF Micro Devices QPA4463ASQ Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Revision DS20160204
- 2 of 8 -
Disclaimer: Subject to change without notice
© 2016 Qorvo, Inc.
www.rfmd.com / www.qorvo.com
QPA4463A
RFMD + TriQuint = Qorvo
Preliminary
Absolute Maximum Ratings
Parameter
Rating
Units
Device Voltage(VD)
+5.0
V
Device Current (ID)
90
mA
RF Input Power Note 1
+18
dBm
Storage Temperature
-55 to +150
°C
ESD Rating (HBM)
TBD
-
Moisture Sensitivity Level
MSL1
-
Notes:
1. Load Condition 1: ZL = 50 Ω
2. Operation of this device beyond any one of these limits may cause permanent
damage. For reliable continuous operation, the device voltage and current
must not exceed the maximum operating values specified in this table.
3. Bias Conditions should also satisfy the following expression: IDVD <(TJ -TL)/
RTH, and TL =TLEAD.
Recommended Operating Conditions
Parameter
Rating
Units
Min
Typ
Max
Operating Temperature Range
-40
+105
 °C
Junction Temperature (TJ)
+125
 °C
Device Operating Voltage
+2.9
+3.2
+3.5
V
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU Directive
2011/65/EU (at time of this document revision), halogen
free per IEC 61249-2-21, < 1000
 ppm each of antimony
trioxide in polymeric materials and red phosphorus as a
flame retardant, and <2% antimony in solder.
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability. Specified typical performance or functional -
operation of the device under Absolute Maximum Rating conditions is
not implied.
Electrical Specifications
– General
Parameter
Specification
Units
Conditions
Min
Typ
Max
Small Signal Gain, S21
18.3
dB
850MHz
16.3
dB
1950MHz
15.6
dB
2400MHz
Output Power at 1 dB Compression
+15.0
dBm
850MHz
+14.9
dBm
1950MHz
+14.9
dBm
2400MHz
Output Third Order Intercept Point
+30.8
dBm
850MHz
+29.5
dBm
1950MHz
+28.6
dBm
2400MHz
Input Return Loss, S11
20.5
dB
850MHz
17.3
dB
1950MHz
18.0
dB
2400MHz
Output Return Loss, S22
36.0
dB
850MHz
13.2
dB
1950MHz
13.4
dB
2400MHz
Test Conditions unless otherwise specified: +VD = +3.2 V, VS = +8 V, ID = 45 mA Typ., OIP3 Tone Spacing=1 MHz, POUT per tone = -5 dBm,
RBIAS = 110Ω, TL = +25°C, ZS = ZL =50 Ω


Similar Part No. - QPA4463ASQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA4463ASQ QORVO-QPA4463ASQ Datasheet
865Kb / 7P
   DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
More results

Similar Description - QPA4463ASQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA7489A RFMD-QPA7489A Datasheet
639Kb / 9P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4263A RFMD-QPA4263A Datasheet
765Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4363A RFMD-QPA4363A Datasheet
767Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SGA-2163 ETC-SGA-2163 Datasheet
393Kb / 5P
   DC-5000MHZ, CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-2263 STANFORD-SGA-2263 Datasheet
390Kb / 5P
   DC-5000MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4563 SIRENZA-SGA-4563 Datasheet
257Kb / 5P
   DC-2500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4586 SIRENZA-SGA-4586 Datasheet
88Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com