Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA4463APCK401 Datasheet(PDF) 5 Page - RF Micro Devices

Part # QPA4463APCK401
Description  CASCADABLE SiGe HBT MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPA4463APCK401 Datasheet(HTML) 5 Page - RF Micro Devices

  QPA4463APCK401 Datasheet HTML 1Page - RF Micro Devices QPA4463APCK401 Datasheet HTML 2Page - RF Micro Devices QPA4463APCK401 Datasheet HTML 3Page - RF Micro Devices QPA4463APCK401 Datasheet HTML 4Page - RF Micro Devices QPA4463APCK401 Datasheet HTML 5Page - RF Micro Devices QPA4463APCK401 Datasheet HTML 6Page - RF Micro Devices QPA4463APCK401 Datasheet HTML 7Page - RF Micro Devices QPA4463APCK401 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Revision DS20160204
- 5 of 8 -
Disclaimer: Subject to change without notice
© 2016 Qorvo, Inc.
www.rfmd.com / www.qorvo.com
QPA4463A
RFMD + TriQuint = Qorvo
Preliminary
Evaluation Board and Schematic
Evaluation Board Bill of Materials For 850MHz Application Circuit
Description
Reference
Designator
Manufacturer
Manufacturer's P/N
Gain Block
U1
QORVO
QPA4463A
PCB
NA
Viasystems Technologies Corp QPAXX63X-410(A)
CAP, 1uF, 10%, 25V, X7R, 1206
C1
Murata Electronics
GRM31MR71E105KA01L
CAP, 1000pF, 10%, 50V, X7R, 0402
C2
Murata Electronics
GRM155R71H102KA01D
CAP, 68pF, 5%, 50V, C0G, 0402
C3
Murata Electronics
GRM1555C1H680JA01D
CAP, 100pF, 5%, 50V, C0G, 0402
C4, C5
Murata Electronics
GRM1555C1H101JA01D
RES, 110 OHM, 5%, 1/2W, 1210
R1
Panasonic Industrial Devices
ERJ-14YJ111U
IND, 33nH, 5%, M/L, 0603
L1
Murata Electronics
LL1608-FSL33NJ
CONN, SMA, EL, FLT, 0.068" SPE-000318
J1. J2
Amphenol RF Asia Corp
901-10426
CONN, HDR, ST, 1x2, 0.100", HI-TEMP, T/H
P1
Samtec Inc.
HTSW-102-07-G-S


Similar Part No. - QPA4463APCK401

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA4463APCK401 QORVO-QPA4463APCK401 Datasheet
865Kb / 7P
   DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
More results

Similar Description - QPA4463APCK401

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA7489A RFMD-QPA7489A Datasheet
639Kb / 9P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4263A RFMD-QPA4263A Datasheet
765Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4363A RFMD-QPA4363A Datasheet
767Kb / 8P
   CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SGA-2163 ETC-SGA-2163 Datasheet
393Kb / 5P
   DC-5000MHZ, CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-2263 STANFORD-SGA-2263 Datasheet
390Kb / 5P
   DC-5000MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4563 SIRENZA-SGA-4563 Datasheet
257Kb / 5P
   DC-2500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4586 SIRENZA-SGA-4586 Datasheet
88Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com